Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM801C Datasheet(PDF) 1 Page - MMD Components

Part # IM801C
Description  MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM801C Datasheet(HTML) 1 Page - MMD Components

  IM801C Datasheet HTML 1Page - MMD Components IM801C Datasheet HTML 2Page - MMD Components IM801C Datasheet HTML 3Page - MMD Components IM801C Datasheet HTML 4Page - MMD Components IM801C Datasheet HTML 5Page - MMD Components IM801C Datasheet HTML 6Page - MMD Components IM801C Datasheet HTML 7Page - MMD Components IM801C Datasheet HTML 8Page - MMD Components IM801C Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM801 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 1 of 9
Features:
MEMS Technology
Direct pin to pin drop-in replacement for industry-standard packages
LVCMOS/HCMOS Compatible Output
Industry-standard package 2.0 x 1.6, 2.5 x 2.0, 3.2 x 2.5, 5.0 x 3.2 mm x mm
Pb-free, Halogen-free, Antimony-free
RoHS and REACH compliant
Fast delivery times
Typical Applications:
Fibre Channel
Server and Storage
GPON, EPON
100M / 1G /10G Ethernet
Electrical Specifications:
Frequency Range
1.000 MHz to 110.000MHz
Frequency Stability
See Part Number Guide
Inclusive of Initial Tolerance, Operating Temperature Range, Load,
Voltage, and Aging
Operating Temperature
See Part Number Guide
Supply Voltage (Vdd) 10%
See Part Number Guide
Current Consumption
3.8 mA typ./ 4.5 mA max
3.7 mA typ./ 4.2 mA max
3.5 mA typ./ 4.1 mA max
No load condition, F = 20 MHz, Vdd = +2.8 V to +3.3 V
No load condition, F = 20 MHz, Vdd = +2.5 V
No load condition, F = 20 MHz, Vdd = +1.8 V
OE Disable Current
4.2 mA max
4.0 mA max
Vdd = +2.5 V to +3.3 V, OE = GND, Output in high-Z state
Vdd = +1.8 V, OE = GND, Output in high-Z state
Standby Current
2.1 µA typ./ 4.3 µA max
1.1 µA typ. / 2.5 µA max
0.2 µA typ. / 1.3 µA max
ST = GND, Vdd = +2.8 V to +3.3V
ST = GND, Vdd = +2.5 V
ST = GND, Vdd = +1.8 V
Waveform Output
LVCMOS / HCMOS
Symmetry
45%/55%
50% of waveform all Vdds
Rise / Fall Time
1.0 nSec typ./ 2.0 nSec max
1.3 nSec typ./ 2.5 nSec max
Vdd = +2.5 V, +2.8 V, + 3.0 V or +3.3 V from 20% to 80% of waveform
Vdd = +1.8 V from 20% to 80% of waveform
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Input High Voltage
70% of Vdd min
Pin 1, OE or
ST
Input Low Voltage
30% of Vdd max
Pin 1, OE or
ST
Input Pull-up Impedance
50kΩ min / 87kΩ typ. 150kΩ max
2.0MΩ min
Pin 1, OE logic high or logic low or
ST logic high
Pin 1,
ST logic Low
Startup Time
5.0 mSec max
Measured from the time Vdd reaches its rated min value
Enable/Disable time
130 nSec max
F = 110 Mhz. For other frequencies, T_oe =100 nSec = 3 cycles
Resume Time
5.0 mSec max
Measured from the time
ST pin crosses 50% threshold
RMS Period Jitter
1.8pSec typ./ 3.0pSec max
1.8pSec typ./ 3.0pSec max.
F = 75 MHz, Vdd = +2.5 V, +2.8 V, + 3.0 V or +3.3 V
F = 75 MHz, Vdd = +1.8 V
Peak-to-peak Period Jitter
12.0 pSec typ./ 25.0 pSec max
14.0 pSec typ./ 30.0 pSec max
F = 75 MHz, Vdd = +2.5 V, +2.8 V, + 3.0 V or +3.3 V
F = 75 MHz, Vdd = +1.8 V
RMS Phase Jitter (random)
0.5pSec typ./ 0.9 pSec max
1.3pSec typ./ 2.0pSec max
F = 75 MHz, Integration Bandwidth = 900 kHz to 7.5 MHz
F = 75 MHz, Integration Bandwidth = 12 kHz to 20.0 MHz
Notes:
All min and max limits are specified over temperature and rated operating voltage with 15pF output unless otherwise stated.
Typical values are at +25ºC and nominal supply voltage.
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max


Similar Part No. - IM801C

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM801 ILSI-IM801 Datasheet
623Kb / 9P
Direct pin to pin drop-in replacement for industry-standard packages
More results

Similar Description - IM801C

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM38T33-32.768K-2.5 EUROQUARTZ-EM38T33-32.768K-2.5 Datasheet
341Kb / 1P
HCMOS, 14 pin DIL compatible, MHz Range
EM39GT EUROQUARTZ-EM39GT Datasheet
130Kb / 1P
HCMOS, 14 pin DIL compatible, MHz Range
EM39T EUROQUARTZ-EM39T Datasheet
125Kb / 1P
HCMOS, 14 pin DIL compatible, MHz Range
logo
MMD Components
IM802B MMD-IM802B Datasheet
781Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM830B MMD-IM830B Datasheet
734Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM831B MMD-IM831B Datasheet
644Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM840B MMD-IM840B Datasheet
414Kb / 7P
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
80 MHz to 220 MHz MEMS VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com