Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM811D Datasheet(PDF) 6 Page - MMD Components

Part # IM811D
Description  MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM811D Datasheet(HTML) 6 Page - MMD Components

  IM811D Datasheet HTML 1Page - MMD Components IM811D Datasheet HTML 2Page - MMD Components IM811D Datasheet HTML 3Page - MMD Components IM811D Datasheet HTML 4Page - MMD Components IM811D Datasheet HTML 5Page - MMD Components IM811D Datasheet HTML 6Page - MMD Components IM811D Datasheet HTML 7Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM811 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 6 of 7
Mechanical Details:
Package Dimensions and Suggest Land Pattern
Marking
5.00 ±0.05
3.20 ±0.05 0.80
2.39
1.15
1.1
0.80 max
2.54
2.20
1.5
1.6
Opton B: 5.00 x 3.20 Package
3
4
2
1
Bottom View
3
Marking
3.20 ±0.05
2.50±0.05 0.90
2.1
0.9
0.7
0.80 max
Bottom View
2.20
1.90
1.4
1.2
Option C: 3.20 x 2.50 Package
4
2
1
Marking
2.50 ±0.05
2.40 ±0.05 1.10
1.00
0.75
0.5
0.80 max
Bottom View
1.90
1.50
1.1
1.0
Option D: 2.70 x 2.40 Package (100% compatible with 2.50 x 2.00)
21
3
4
Suggested Land Pattern
Suggested Land Pattern
Suggested Land Pattern
Marking
Line 1 = XXXXX (Lot Code)
Dot to denote Pin 1 location
Package Information
Leadframe: C194
Plating: NiPdAu



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com