Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA1107P Datasheet(PDF) 1 Page - American Microsemiconductor

Part # ADA1107P
Description  Switching Diode Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

ADA1107P Datasheet(HTML) 1 Page - American Microsemiconductor

  ADA1107P Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADA1107P
Switching Diode Array
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 1
Revised 06/2013
Dual 8 Diode Array
Standard 14 pin Dual-In-Line Package
UL 94V-0 Flammability Classification
FEATURES
MECHANICAL
MAXIMUM RATINGS
Molded 14 pin DIP
Weight: 0.997 grams (approximate)
Marking: logo, device number, date code
Pin #1 defined by DOT on top of package
ELECTRICAL CHARACTERISTICS ( @ 25°C UNLESS OTHERWISE SPECIFIED)
Operating temperatures:
-55°C to +150°C
Storage Temperature:
-55°C to +150°C
Forward Surge Current:
2.0 Amps (8.3 mS)
Minimum Breakdown Voltage:
VBR
90V
Working Peak Reverse Voltage:
VRWM
75V
Continuous forward current:
IF
400mA
Power dissipation:
PD
500mW
Derating factor:
4.0 mW/°C
PACKAGING
Carrier tube 25 pcs per (STANDARD)
DIMENSIONAL DATA


Similar Part No. - ADA1107P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADA1107P ETC-ADA1107P Datasheet
527Kb / 1P
Switching Diode Array
More results

Similar Description - ADA1107P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
Switching Diode Array
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
SWITCHING DIODE ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com