Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20100 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF20100
Description  Guard ring for enhanced ruggedness and long term reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF20100 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF20100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0842, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF20100
MBRF20100 SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
•
Center tap configuration
Features:
•
150
°°°°C T
J operation
•
Center tap configuration
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm
ITO-220AC(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
-
2.55
-
e1
-
5.10
-
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
L4
-
1.10
1.50
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
5°
Θ2
4°
Θ3
10°
Θ4
5°
Θ5
5°


Similar Part No. - MBRF20100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100 MOTOROLA-MBRF20100 Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100 MCC-MBRF20100 Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
MBRF20100 TSC-MBRF20100 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100 TSC-MBRF20100 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF20100 LUGUANG-MBRF20100 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF Datasheet
173Kb / 7P
Guard ring for enhanced ruggedness and long term reliability
31-Aug-11
logo
Sangdest Microelectroni...
12TQ0200 SMC-12TQ0200 Datasheet
184Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
Guard ring for enhanced ruggedness and long term reliability
125NQ015 SMC-125NQ015 Datasheet
211Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
303CMQ SMC-303CMQ Datasheet
212Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
ST2080C SMC-ST2080C Datasheet
221Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
ST5100BAX SMC-ST5100BAX Datasheet
115Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
Guard ring for enhanced ruggedness and long term reliability
STF10200LC SMC-STF10200LC Datasheet
170Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com