Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2595 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM2595 Datasheet HTML 20Page - National Semiconductor (TI) LM2595 Datasheet HTML 21Page - National Semiconductor (TI) LM2595 Datasheet HTML 22Page - National Semiconductor (TI) LM2595 Datasheet HTML 23Page - National Semiconductor (TI) LM2595 Datasheet HTML 24Page - National Semiconductor (TI) LM2595 Datasheet HTML 25Page - National Semiconductor (TI) LM2595 Datasheet HTML 26Page - National Semiconductor (TI) LM2595 Datasheet HTML 27Page - National Semiconductor (TI) LM2595 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Application Information (Continued)
Because of differences in the operation of the inverting regu-
lator, the standard design procedure is not used to select the
inductor value. In the majority of designs, a 68 µH, 1.5A in-
ductor is the best choice. Capacitor selection can also be
narrowed down to just a few values. Using the values shown
in
Figure 25 will provide good results in the majority of invert-
ing designs.
This type of inverting regulator can require relatively large
amounts of input current when starting up, even with light
loads. Input currents as high as the LM2595 current limit (ap-
prox 1.5A) are needed for at least 2 ms or more, until the out-
put reaches its nominal output voltage. The actual time de-
pends on the output voltage and the size of the output
capacitor. Input power sources that are current limited or
sources that can not deliver these currents without getting
loaded down, may not work correctly. Because of the rela-
tively high startup currents required by the inverting topology,
the delayed startup feature (C1, R
1 and R2) shown in Figure
25 is recommended. By delaying the regulator startup, the
input capacitor is allowed to charge up to a higher voltage
before the switcher begins operating. A portion of the high in-
put current needed for startup is now supplied by the input
capacitor (C
IN). For severe start up conditions, the input ca-
pacitor can be made much larger than normal.
INVERTING REGULATOR SHUTDOWN METHODS
To use the ON /OFF pin in a standard buck configuration is
simple, pull it below 1.3V (@25˚C, referenced to ground) to
turn regulator ON, pull it above 1.3V to shut the regulator
OFF. With the inverting configuration, some level shifting is
required, because the ground pin of the regulator is no
longer at ground, but is now setting at the negative output
voltage level. Two different shutdown methods for inverting
regulators are shown in
Figure 27 and Figure 28.
DS012565-39
This circuit has hysteresis
Regulator starts switching at VIN = 13V
Regulator stops switching at VIN = 8V
FIGURE 24. Undervoltage Lockout with Hysteresis for Inverting Regulator
DS012565-40
CIN:
— 220 µF/25V Tant. Sprague 595D
120 µF/50V Elec. Panasonic HFQ
COUT:
— 22 µF/20V Tant. Sprague 595D
120 µF/25V Elec. Panasonic HFQ
FIGURE 25. Inverting −5V Regulator with Delayed Startup
DS012565-41
FIGURE 26. Inverting Regulator Typical Load Current
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com