Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSI-D-CGRADE Datasheet(PDF) 1 Page - All Sensors Corporation

Part # PSI-D-CGRADE
Description  C-Grade Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

PSI-D-CGRADE Datasheet(HTML) 1 Page - All Sensors Corporation

  PSI-D-CGRADE Datasheet HTML 1Page - All Sensors Corporation PSI-D-CGRADE Datasheet HTML 2Page - All Sensors Corporation PSI-D-CGRADE Datasheet HTML 3Page - All Sensors Corporation PSI-D-CGRADE Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Sensors
DS-0106 Rev B
Marking:
right dot: Silver C-Grade
left dot:
L04: white
L10: yellow
0.3: pink
1.0: green
05: blue
15: purple
30: orange
100: brown
The Miniature series pressure sensors are based upon a proprietary technology to reduce the size of the sensor and
yet maintain a high level of performance. This model provides a calibrated millivolt output with superior output
offset characteristics. Output offset errors due to change in temperature, stability to warm-up, stability to long time
period, and position sensitivity are all significantly reduced when compared to conventional compensation meth-
ods. In addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a
very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature
range. This series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the
like. The C-GRADE is a lowest cost version of the millivolt output pressure sensors.
The output of the device is ratiometric to the supply voltage and operation from any D.C. supply voltage.
C-Grade
Pressure Sensors
• 0 to 4” H2O to 0 to 100 PSI Pressure Ranges
• 1 % linearity version
• Temperature Compensated
• Calibrated Zero and Span
Physical Dimensions
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
Miniature Pressure Sensors
No Pressure Port
Single Pressure Port
Dual Pressure Port
all dimensions in inches
Equivalent Circuit
Input Resittance
Output Resistance
5.0 k ohm
3.0 k ohm
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change


Similar Part No. - PSI-D-CGRADE

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
Industrial Temperature Grade with Voltage Reference
082302
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
Industrial Temperature Grade
Rev C
PSI-D-HGRADE ASC-PSI-D-HGRADE Datasheet
138Kb / 4P
H-Grade Pressure Sensors
Rev B
PSI-D-HGRADE-MINI ASC-PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
Miniature Pressure Sensors
Rev B
More results

Similar Description - PSI-D-CGRADE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
All Sensors Corporation
0.3PSI-G-HGRADE-MINI ASC-0.3PSI-G-HGRADE-MINI Datasheet
138Kb / 4P
H-Grade Pressure Sensors
Rev B
PSI-D-HGRADE ASC-PSI-D-HGRADE Datasheet
138Kb / 4P
H-Grade Pressure Sensors
Rev B
PSI-D-PRIME-MINI ASC-PSI-D-PRIME-MINI Datasheet
702Kb / 5P
Prime Grade Pressure Sensors
Rev E
PSI-D-PRIME-MV-ND ASC-PSI-D-PRIME-MV-ND Datasheet
238Kb / 5P
Prime Grade Pressure Sensors
Rev B
DS-0039 ASC-DS-0039 Datasheet
263Kb / 3P
Baromtric Pressure Sensors Prime Grade
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com