Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2001NL Datasheet(PDF) 5 Page - Anachip Corp

Part # AP2001NL
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001NL Datasheet(HTML) 5 Page - Anachip Corp

  AP2001NL Datasheet HTML 1Page - Anachip Corp AP2001NL Datasheet HTML 2Page - Anachip Corp AP2001NL Datasheet HTML 3Page - Anachip Corp AP2001NL Datasheet HTML 4Page - Anachip Corp AP2001NL Datasheet HTML 5Page - Anachip Corp AP2001NL Datasheet HTML 6Page - Anachip Corp AP2001NL Datasheet HTML 7Page - Anachip Corp AP2001NL Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.3 Feb 20, 2004
5/8
Electrical Characteristics (Continued)
Error-amplifier
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
VO (FB)=1.25V
±6
mV
IIO
Input offset current
VO (FB)=1.25V
±100
nA
IIB
Input bias current
VO (FB)=1.25V
160
500
nA
1.05
to
VCM
Common-mode input voltage
range
VCC=3.6V ~ 40V
1.45
V
AV
Open-loop voltage
amplification
RF=200 kΩ
70
80
dB
GBW
Unity-gain bandwidth
1.5
MHz
CMRR
Common-mode rejection ratio
60
80
dB
VOH
Max. output voltage
Vref-0.1
V
VOL
Min. output voltage
1
V
IOI
Output (sink) current (FB)
VID = -0.1V, VO = 1.25V
0.5
1.6
mA
IOO
Output (source) current (FB)
VID = 0.1V, VO = 1.25V
-45
-70
µA
Output section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ILEAK
Leakage current
VO = 40V
10
µA
VSAT
Output saturation voltage
IO = 10 mA
1.2
2
V
ISC
Short-circuit output current
VO = 6V
90
mA
PWM comparator
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VT0
Zero duty cycle
2.05
2.25
V
VT100
Input threshold voltage at f =
10 Khz (FB)
Maximum duty cycle
1.2
1.45
V
Total device
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICCS
Standby supply current
Off-state
2.5
3.0
mA
ICCA
Average supply current
RT = 10 kΩ
2.8
3.5
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com