Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-2000 Datasheet(PDF) 1 Page - Copal Electronics

Part # SC-2000
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SC-2000 Datasheet(HTML) 1 Page - Copal Electronics

  SC-2000 Datasheet HTML 1Page - Copal Electronics SC-2000 Datasheet HTML 2Page - Copal Electronics SC-2000 Datasheet HTML 3Page - Copal Electronics SC-2000 Datasheet HTML 4Page - Copal Electronics SC-2000 Datasheet HTML 5Page - Copal Electronics SC-2000 Datasheet HTML 6Page - Copal Electronics SC-2000 Datasheet HTML 7Page - Copal Electronics SC-2000 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
O RoHS compliant
O Fine click with metallic spring
O Low profile of 3.9 mm makes perfect for high density
board mounting applications
O Gold plated contact provides excellent reliability
O Cross and minus slot are available
O Terminal pin arrangement 4-1
Part name
Insert rotor
Metallic spring
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL94V-0
UL94V-0
UL94HB
UL94V-0
Polyphenylenesulphide
Silicone rubber
Polyphenylenesulphide
Copper alloy, Gold-plated
Rotor : Polyamide
Pattern : Copper alloy, Gold-plated
Stainless (SUS 301)
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
SC-1000 / 2000 series
S C - 1 0 1 0 T B
Series name
Code format
1Real code (Rotor color Yellow)
3Complementary code (Rotor color Red)
Shape of rotor
0Without knob (Minus slot)
1With knob (with extended shaft)
2Without knob (Cross slot)
Shape of terminal
Setting position
BGull wing (Top setting type only)
Blank : Through hole pin (Snap-in terminal pin)
Form of packaging
TTaping (Gull wing type only)
WTray packaging
BlankBulk in plastic bag
0Top setting
1Side setting
※ Please refer to the LIST OF PART NUMBERS when placing orders.
No. of positions
116 positions
210 positions
SC-1000/2000
ROTARY CODED SWITCHES
1
3
6
5
7
4
2
RoHS compliant


Similar Part No. - SC-2000

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000-112 COTEK-SC-2000-112 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000-124 COTEK-SC-2000-124 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000-212 COTEK-SC-2000-212 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000-224 COTEK-SC-2000-224 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
More results

Similar Description - SC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com