Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9926C Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM9926C
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9926C Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM9926C Datasheet HTML 1Page - Anpec Electronics Coropration APM9926C Datasheet HTML 2Page - Anpec Electronics Coropration APM9926C Datasheet HTML 3Page - Anpec Electronics Coropration APM9926C Datasheet HTML 4Page - Anpec Electronics Coropration APM9926C Datasheet HTML 5Page - Anpec Electronics Coropration APM9926C Datasheet HTML 6Page - Anpec Electronics Coropration APM9926C Datasheet HTML 7Page - Anpec Electronics Coropration APM9926C Datasheet HTML 8Page - Anpec Electronics Coropration APM9926C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Sep., 2002
www.anpec.com.tw
5
APM9926/C
012345
6
7
89
10
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
0
5
10
15
20
0
125
250
375
500
625
750
-50
-25
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Typical Characteristics
VGS - Gate-to-Source Voltage (V)
ID=6A
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Junction Temperature
VGS=10V
ID=6A
TJ - Junction Temperature (°C)
VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
Gate Charge
QG - Gate Charge (nC)
VDS=10V
ID=6A
Frequency=1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com