Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4898MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4898MM
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4898MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4898MM Datasheet HTML 1Page - National Semiconductor (TI) LM4898MM Datasheet HTML 2Page - National Semiconductor (TI) LM4898MM Datasheet HTML 3Page - National Semiconductor (TI) LM4898MM Datasheet HTML 4Page - National Semiconductor (TI) LM4898MM Datasheet HTML 5Page - National Semiconductor (TI) LM4898MM Datasheet HTML 6Page - National Semiconductor (TI) LM4898MM Datasheet HTML 7Page - National Semiconductor (TI) LM4898MM Datasheet HTML 8Page - National Semiconductor (TI) LM4898MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4898
1 Watt Fully Differential Audio Power Amplifier With
Shutdown Select
General Description
The LM4898 is a fully differential audio power amplifier
primarily designed for demanding applications in mobile
phones and other portable communication device applica-
tions. It is capable of delivering 1 watt of continuous average
power to an 8
Ω BTL load with less than 1% distortion
(THD+N) from a 5V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4898 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4898 features a low-power consumption shutdown
mode. To facilitate this, Shutdown may be enabled by either
logic high or low depending on mode selection. Driving the
shutdown mode pin either high or low enables the shutdown
select pin to be driven in a likewise manner to enable Shut-
down. Additionally, the LM4898 features an internal thermal
shutdown protection mechanism.
The LM4898 contains advanced pop & click circuitry which
virtually eliminates noises which would otherwise occur dur-
ing turn-on and turn-off transitions.
Key Specifications
j Improved PSRR at 217Hz
83dB(typ)
j Power Output at 5.0V & 1% THD
1.0W(typ)
j Power Output at 3.3V & 1% THD
400mW(typ)
j Shutdown Current
0.1µA(typ)
Features
n
Fully differential amplification
n
Available in space-saving packages micro SMD, MSOP,
and LLP
n
Ultra low current shutdown mode
n
Can drive capacitive loads up to 500pF
n
Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
2.4 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Shutdown high or low selectivity
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Connection Diagrams
Mini Small Outline (MSOP) Package
MSOP Marking
20073723
Top View
Order Number LM4898MM
See NS Package Number MUB10A
20073774
Z -Assembly Code
X - Date Code
TT - Die Run Traceability
G - Boomer Family
B3 - LM4898MM
Boomer® is a registered trademark of National Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS200737
www.national.com


Similar Part No. - LM4898MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4898MM/NOPB TI1-LM4898MM/NOPB Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898MMBD TI1-LM4898MMBD Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results

Similar Description - LM4898MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com