Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3401 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3401
Description  1A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 8Page - Linear Technology LTC3401 Datasheet HTML 9Page - Linear Technology LTC3401 Datasheet HTML 10Page - Linear Technology LTC3401 Datasheet HTML 11Page - Linear Technology LTC3401 Datasheet HTML 12Page - Linear Technology LTC3401 Datasheet HTML 13Page - Linear Technology LTC3401 Datasheet HTML 14Page - Linear Technology LTC3401 Datasheet HTML 15Page - Linear Technology LTC3401 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC3401
3401fa
LT/TP 0502 1.5K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1306
Sync, Fixed Frequency, Step-Up DC/DC Converter
Internal 2A Switches, VIN As Low As 1.8V
LT1308A/LT1308B
High Current, Micropower, Single Cell 600kHz DC/DC Converter
5V at 1A from Single Li-Ion Cell
LT1317/LT1317B
Micropower 600kHz PWM DC/DC Converter
VIN As Low As 1.5V, IQ = 100µA
LT1610
1.7MHz, Single Cell Micropower DC/DC Converter
3V at 30mA from 1V, 5V at 200mA from 3.3V
LT1613
1.4MHz, Single Cell DC/DC Converter in SOT-23
VIN As Low As 1.1V, 3V at 30mA from Single Cell
LT1615
Micropower Step-Up DC/DC Converter in SOT-23
IQ = 20µA, 1µA Shutdown Current, VIN As Low As 1V
LT1619
High Efficiency Boost DC/DC Controller
1A Gate Drive, 1.1V to 20V Input, Separate VCC for Gate Drive
LT1930A
2.2MHz DC/DC Converter in SOT-23
VIN = 2.6V to 16V, 5V at 450mA from 3.3V Input
LT1949
600kHz, 1A Switch PWM DC/DC Converter
1.1A, 0.5
Ω/30V Internal Switch, VIN As Low As 1.8V
LTC3400
Single Cell, High Current (600mA) Micropower, Synchronous
VIN = 0.85V to 5.5V, Up to 92% Efficiency Synchronizable
1.2MHz Step-Up DC/DC Converter
Oscillator from 100kHz to 1.2MHz, ThinSOT
TM Package
LTC3402
Single Cell, High Current (2A) Micropower, Synchronous
VIN = 0.5V to 5.5V, Up to 97% Efficiency Synchronizable
3MHz Step-Up DC/DC Converter
Oscillator from 100kHz to 3MHz, 10-Lead MSOP Package
LTC3423
Single Cell, High Current (2A) Micropower, Synchronous
VOUT = 1.5V, Up to 97% Efficiency Synchronizable
3MHz Step-Up DC/DC Converter for VOUT < 2.6V
Oscillator from 100kHz to 3MHz
ThinSOT is a trademark of Linear Technology Corporation.
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
Triple Output Converter
TYPICAL APPLICATIO
R1
549k
3401 TA09
R2
909k
C1: TAIYO YUDEN JMK212BJ475MG
C2: TAIYO YUDEN JMK325BJ226MM
D1: ON SEMICONDUCTOR MBRM120T3
D2 TO D7: ZETEX FMND7000 DUAL DIODE
L1: SUMIDA CD43-4R7M
C2
22
µF
C3
470pF
C4
4.7pF
C1
4.7
µF
4.7
µF
D6
D7
0.1
µF
–2.5V
1mA
VOUT
3.3V
500mA
D1
0.1
µF
D2
D3
0.1
µF
0.1
µF
4.7
µF
8V
2mA
D4
D5
3
10
2
6
1
LTC3401
VIN
SHDN
MODE/SYNC
PGOOD
Rt
SW
VOUT
FB
VC
GND
4
7
8
9
5
L1, 4.7
µH
R3
1M
Rt
30k
R5
82k
0 = FIXED FREQ
1 = Burst Mode OPERATION
+
2
CELLS
VIN =1.8V TO 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com