Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV772MM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV772MM
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV772MM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV772MM Datasheet HTML 12Page - National Semiconductor (TI) LMV772MM Datasheet HTML 13Page - National Semiconductor (TI) LMV772MM Datasheet HTML 14Page - National Semiconductor (TI) LMV772MM Datasheet HTML 15Page - National Semiconductor (TI) LMV772MM Datasheet HTML 16Page - National Semiconductor (TI) LMV772MM Datasheet HTML 17Page - National Semiconductor (TI) LMV772MM Datasheet HTML 18Page - National Semiconductor (TI) LMV772MM Datasheet HTML 19Page - National Semiconductor (TI) LMV772MM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Note (Continued)
STATE VARIABLE ACTIVE FILTER
State variable active filters are circuits that can simulta-
neously represent high pass, band pass, and low pass fil-
ters. The state variable active filter uses three separate
amplifiers to achieve this task. A typical state variable active
filter is shown in Figure 9. The first amplifier in the circuit is
connected as a gain stage. The second and third amplifiers
are connected as integrators, which means they behave as
low pass filters. The feedback path from the output of the
third amplifier to the first amplifier enables this low frequency
signal to be fed back with a finite and fairly low closed loop
gain. This is while the high frequency signal on the input is
still gained up by the open loop gain of the 1st amplifier. This
makes the first amplifier a high pass filter. The high pass
signal is then fed in to a low pass filter. The outcome is a
band pass signal, meaning the second amplifier is a band
pass filter. This signal is then fed into the third amplifiers
input and so the third amplifier behaves as a simple low pass
filter.
The transfer function of each filter needs to be calculated.
The derivations will be more trivial if each stage of the filter is
shown on its own.
The three components are:
20039680
20039681
For A
1 the relationship between input and output is:
20039662
FIGURE 8.
20039674
FIGURE 9.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com