Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4350 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4350
Description  Hot Swappable Load Share Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350 Datasheet(HTML) 2 Page - Linear Technology

  LTC4350 Datasheet HTML 1Page - Linear Technology LTC4350 Datasheet HTML 2Page - Linear Technology LTC4350 Datasheet HTML 3Page - Linear Technology LTC4350 Datasheet HTML 4Page - Linear Technology LTC4350 Datasheet HTML 5Page - Linear Technology LTC4350 Datasheet HTML 6Page - Linear Technology LTC4350 Datasheet HTML 7Page - Linear Technology LTC4350 Datasheet HTML 8Page - Linear Technology LTC4350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC4350
4350fa
ORDER PART
NUMBER
(Note 1)
Supply Voltage (VCC) ............................................... 17V
Input Voltage
TIMER .................................................. – 0.3V to 1.2V
R+, R– (Note 2) ......................................– 0.3V to 17V
FB ........................................................ – 0.3V to 5.3V
OV, UV .......................................................– 0.3V to 17V
Output Voltage
COMP1 ................................................... – 0.3V to 6V
COMP2 ................................................... – 0.3V to 3V
GAIN, SB ............................................. – 0.3V to 5.6V
GATE (Note 3) ...........................................– 0.3V to 20V
IOUT, STATUS ........................................... – 0.3V to 17V
RSET....................................................................... – 0.3V to 1V
Operating Temperature Range
LTC4350C ............................................... 0°C to 70°C
LTC4350I ........................................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
LTC4350CGN
LTC4350IGN
TJMAX = 150°C, θJA = 135°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
UV
OV
TIMER
GAIN
COMP2
COMP1
SB
GND
VCC
STATUS
GATE
R+
R–
IOUT
RSET
FB
GN PART MARKING
4350
4350I
Consult LTC marketing for parts specified with wider operating temperature ranges.
Note 1: A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
ICC
VCC Supply Current
UV = VCC
●
1.0
1.6
2.0
mA
VLKOH
VCC Undervoltage Lockout High
●
2.36
2.45
2.52
V
VLKOL
VCC Undervoltage Lockout Low
●
2.24
2.34
2.44
V
VFB
FB Pin Voltage
0°C to 85°C (LTC4350I) or 0°C to 70°C (LTC4350C)
1.208
1.220
1.236
V
–40°C to 85°C (LTC4350I)
1.196
1.220
1.244
V
VFBLIR
FB Line Regulation
VCC = 3.3V to 12V, COMP1 = 1.240V
0.02
0.05
%/V
VFBLOR
FB Load Regulation
COMP1 = 2V
●
– 0.0008 – 0.1
%
COMP1 = 0.64V
●
0.003
0.1
%
VUVTH
UV Pin Threshold
High Going Threshold
●
1.215
1.244
1.258
V
Low Going Threshold
●
1.205
1.220
1.237
V
VOVTH
OV Pin Threshold
High Going Threshold
●
1.203
1.220
1.250
V
Low Going Threshold
●
1.180
1.205
1.229
V
VTM
TIMER Pin Threshold
●
1.18
1.22
1.26
V
ITM
TIMER Pin Current
TIMER On, VTIMER = 0V
●
– 1.75
– 2
– 2.3
µA
TIMER On, VTIMER = 0V, VOV > VOVTH
●
– 5.30
– 6
– 6.7
µA
VG
GAIN Pin Voltage
RGAIN = 25k, (VR
+ – VR–) = 100mV
●
2.3
2.5
2.7
V
VGO
GAIN Pin Offset
RGAIN = 25k, (VR+ – VR–) = 0mV
●
0
0.02
0.20
V
VSB(MIN)
SB Pin Minimum Voltage
28
mV
VSB(MAX)
SB Pin Maximum Voltage
VCC = 3.3V
●
2.4
2.7
2.9
V
VCC = 12V
●
5.6
7.8
10.5
V
ISB(MAX)
SB Pin Maximum Current
VSB = 0V
●
–8
–33
– 41
mA
RSB
SB Pin Resistor Value
●
14
20
33
kΩ
VE/A2OFF
E/A2 Offset
VSB – VGAIN
●
825
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com