Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2023PW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2023PW
Description  SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2023PW Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ2023PW Datasheet HTML 17Page - Texas Instruments BQ2023PW Datasheet HTML 18Page - Texas Instruments BQ2023PW Datasheet HTML 19Page - Texas Instruments BQ2023PW Datasheet HTML 20Page - Texas Instruments BQ2023PW Datasheet HTML 21Page - Texas Instruments BQ2023PW Datasheet HTML 22Page - Texas Instruments BQ2023PW Datasheet HTML 23Page - Texas Instruments BQ2023PW Datasheet HTML 24Page - Texas Instruments BQ2023PW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
bq2023
SINGLEWIRE ADVANCED BATTERY MONITOR IC
FOR CELLULAR AND PDA APPLICATIONS
SLUS480B – MAY 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
register descriptions (continued)
self-discharge count registers (SCRH/SCRL)
The SCRH high-byte register (address 010B hex) and the SCRL low-byte register (address 010A hex) contain
the self-discharge count. This register is continually updated in both the normal operating and sleep modes of
the bq2023. The counts in these registers are incremented on the basis of time and temperature. The SCR
counts at 1 count per hour at 20–30
°C and doubles every 10°C to greater than 60°C (16 counts/hour). The count
halves every 10
°C below 20–30°C to less than 0°C (1 count/8 hours). These registers continue to count beyond
FFFF hex, so proper register maintenance should be done by the host system. The TMP/CLR register forces
the reset of both the SCRH and SCRL to zero when the SDR bit is set. During device sleep the bq2023 wakes
approximately every hour for 4 seconds to maintain the self-discharge registers.
discharge time count registers (DTCH/DTCL)
The DTCH high-byte register (address 0109 hex) and the DTCL low-byte register (address 0108 hex) determine
the length of time that VSRP < VSRN , indicating a discharge. The counts in these registers are incremented at
4096 counts per hour. If the DTCH/DTCL register continues to count beyond FFFF hex, the STD bit is set in
the MODE/WOE register indicating a rollover. Once set, DTCH and DTCL increment at 16 counts per hour.
NOTE:
If a second rollover occurs, STD is cleared. Access to the bq2023 should be timed to clear
DTCH/DTCL more often than every 170 days. The TEMP/CLR register forces the reset of both the
DTCH and DTCL to zero when the DTC bit is set.
charge time count registers (CTCH/CTCL)
The CTCH high-byte register (address 0107 hex) and the CTCL low-byte register (address 0106 hex) determine
the length of time that VSRP >VSRN, indicating a charge. The counts in these registers are incremented at 4096
counts per hour. If the CTCH/CTCL registers continue to count beyond FFFF hex, the STC bit is set in the
MODE/WOE register, indicating a rollover. Once set, CTCH and CTCL increment at 16 counts per hour.
NOTE:
If a second rollover occurs, STC is cleared. Access to the bq2023 should be timed to clear
CTCH/CTCL more often than every 170 days. The TMP/CLR register forces the reset of both the
CTCH and CTCL to zero when the CTC bit is set.
mode, wake-up enable register (MOE/WOE)
The Mode/WOE register (address 0105 hex) contains the SLEEP ENABLE bit, the STC and STD bits, and
wake-up enable information as described below:
MODE/WOE BITS
7
6
5
4
3
2
1
0
RSVD
SLEN
STC
STD
WOE2
WOE1
WOE0
RSVD
RSVD
BIT7 is a reserved bit and must always be set to 0. This bit is cleared on Power-on-Reset.
SLEN
The SLEN bit allows the bq2023 to enter sleep mode. The bq2023 enters sleep mode if battery
current (i.e., voltage difference between the SRP and SRN pins) is less than WOE threshold, the SLEN bit is
set, and there is no communication activity on the SDQ pin for approximately one hour. The bq2023 wakes on
either a low-to-high or high-to-low transition on the SDQ pin. The SLEN bit is set during power-on-reset or after
a wake-up condition.
NOTE:
Entering sleep mode does not clear this bit. It must be cleared by the host. This bit is set during
power-on-reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com