Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22A Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SS22A
Description  Surge Overload Rating to 50A Peak
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SS22A Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SS22A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1816, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SS22A THRU SS225A
SS22A THRU SS225A
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features:
•
Schottky Brrier Chip
•
Low Power Loss, High Efficiency
•
Ideally Suited for Automatic Assembly
•
Surge Overload Rating to 50A Peak
•
Plastic Case Material has UL Flammability Classification Rating 94V-0
Mechanical Data:
•
Case: SMA, Molded plastic
•
Terminals: Plated leads solderable per MIL-STD-750, Method 2026 guaranteed
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
Mechanical Dimensions: In Inches/mm
SMA


Similar Part No. - SS22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS22A SSE-SS22A Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS22A BILIN-SS22A Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS22A TAITRON-SS22A Datasheet
585Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
SEMTECH ELECTRONICS LTD...
SS22A SEMTECH_ELEC-SS22A Datasheet
205Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
Schottky Rectifier
More results

Similar Description - SS22A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBPC10W LUGUANG-KBPC10W Datasheet
143Kb / 2P
Surge overload -240~500 Amperes peak
logo
Pulse A Technitrol Comp...
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
RoHS peak reflow temperature rating: 245째C째째
H304 PULSE-H304 Datasheet
832Kb / 4P
RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
RoHS peak reflow temperature rating: 245C
H327 PULSE-H327 Datasheet
1Mb / 5P
RoHS peak reflow temperature rating 245C
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
Surge overload -240~500 amperes peak
logo
Sangdest Microelectroni...
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
Surge Overload Rating to 30A Peak
MB05S SMC-MB05S Datasheet
164Kb / 4P
Surge overload rating-30A peak
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
S34L DYELEC-S34L Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com