Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR809N Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809N
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809N Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR809N Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Ordering Information:
SSR809X -XXXXX
SSR810X -XXXXX
Marking Diagram:
PIN CONFIGURATION
SOT-23
TOP VIEW
1: GND
2:
RES E T
————————
(RESET)
3: VCC
SOT-23
TOP VIEW
1:
RES E T
————————
(RESET)
2: GND
3: VCC
Part No.
Marking
Part No.
Marking
Part No.
Marking
SSR809P-23FTR
RA23G
SSR810P-23FTR
RD23G
SSR809N-23FTR
RB23G
SSR809P-26FTR
RA26G
SSR810P-26FTR
RD26G
SSR809N-26FTR
RB26G
SSR809P-29FTR
RA29G
SSR810P-29FTR
RD29G
SSR809N-29FTR
RB29G
SSR809P-31FTR
RA31G
SSR810P-31FTR
RD31G
SSR809N-31FTR
RB31G
SSR809P-40FTR
RA40G
SSR810P-40FTR
RD40G
SSR809N-40FTR
RB40G
SSR809P-44FTR
RA44G
SSR810P-44FTR
RD44G
SSR809N-44FTR
RB44G
SSR809P-46FTR
RA46G
SSR810P-46FTR
RD46G
SSR809N-46FTR
RB46G
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
PACKAGING TYPE
F: SOT-23
RESET THRESHOLD
VOLTAGE
23: 2.3V
26: 2.6V
29: 2.9V
31: 3.1V
40: 4.0V
42: 4.2V
44: 4.4V
46: 4.6V
OUTPUT TYPE
P: Push-Pull type
N: N-ch Open-Drain type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com