Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2061 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI2061 Datasheet HTML 2Page - Vicor Corporation PI2061 Datasheet HTML 3Page - Vicor Corporation PI2061 Datasheet HTML 4Page - Vicor Corporation PI2061 Datasheet HTML 5Page - Vicor Corporation PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation PI2061 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 6 of 16
Figure 3: PI2061 Block Diagram
Figure 4: PI2061 Timing Diagram, referenced to Figure 1.
SGND
Gate
Driver
Gate
ENABLE
Q
6
SP
7
SN
Set
EN
Differential
Amplifier
Reset
VC
7.15V
+
-
Fault Latch
3
11.7V
+
-
+
-
2X
Charge
Pump
4
DISABLE
PGND
1
+
-
VSOTH
166mV
70mV
NC
5
GATE
2
FT
9
DIS
Delay
POR
DBST
8
10
NC
Gate
VC
Iout
EN
Vin
Initial Power-up
Disabled
Over Current
Latched
Reset
Vout
Over Current Threshold
FT
Latched
VOC-THL
VOC-THH
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com