Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2126 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI2126 Datasheet HTML 6Page - Vicor Corporation PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation PI2126 Datasheet HTML 10Page - Vicor Corporation PI2126 Datasheet HTML 11Page - Vicor Corporation PI2126 Datasheet HTML 12Page - Vicor Corporation PI2126 Datasheet HTML 13Page - Vicor Corporation PI2126 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 10 of 15
Application Information
The PI2126 is designed to replace high side ORing diodes in
high
current
low
voltage
bus
redundant
power
architectures. Replacing a traditional diode with a PI2126
will result in significant power dissipation reduction as well
as board space reduction, efficiency improvement and
additional protection features.
This section describes in detail the procedure to follow
when designing with the PI2126 Active ORing solution.
Control Circuitry Bias:
The PI2126 control circuitry and the gate driver for the
internal MOSFET are biased through the VC pin or VR pin.
An internal regulator clamps the VC voltage (VVC-PG) to
11.7V typically. An internal bypass ceramic capacitor
(0.1μF) is connected between VC and PG to hold VVC-PG
steady.
In 12V system applications, where the input voltage (Vin) is
between 10V and 14V, connect the VR pin to Vin and
connect PG to the Vin return, Figure 1. A 420Ω internal
resistor (RBias) is connected between the VR pin and the VC
pin.
In high voltage applications above 14V, PG pin has to float
above ground and VC pin will be connected directly to Vin.
As shown in Figure 17, VR pin is disconnected and PG pin
float on a bias resistor (RPG). A low current low forward
voltage drop Schottky diode is required for the PI2126
when PI2126 is configured floating on PG. Connect one
terminal of RPG to the PG pin and the other end of RPG to
ground (Vin return). Connect the Schottky diode anode to
the PG pin and connect its cathode to the VC pin.
Figure 17: PI2126 in application above 14V
Recommended Schottky Diode:
PMEG3005AEA: from NXP or equivalent
RPG selection for input voltage greater than 14V:
Select the resistor (RPG) value at the minimum input
voltage to avoid a voltage drop that may reduce VVC-PG
lower than VC under voltage lockout.
Select the value of RPG using the following equations:
And RPG maximum power dissipation is:
Where:
:
Minimum applied input voltage
:
Maximum applied input voltage
: Controller maximum Under-Voltage Rising
Threshold, 8.5V
: Controller maximum clamp voltage, 12.5V
:
Controller maximum bias current, use 2.0mA
:
0.1mA is added for margin
RPG calculation example
Vin (minimum) = 11V and Vin (maximum) = 18V
Select a lower typical resistor value (1KΩ) and calculate its
power dissipation.
Internal N-Channel MOSFET BVDSS:
The PI2126’s internal N-Channel MOSFET breakdown
voltage (BVDSS) is rated for 30V at 25°C and will degrade to
28V at -40°C, refer to Figure 8. Drain to source voltage
should not exceed BVDSS in nominal operation. During a
fast switching transient the MOSFET can tolerate voltages
higher than its BVDSS rating under avalanche conditions,
refer to the Absolute Maximum Ratings table.
In Active ORing applications when one of the input power
sources is shorted, a large reverse current is sourced from
VR
PI2126
Vin1
S
D
FT
FT
SP
SN
VC
VR
PI2126
Vin2
S
D
FT
FT
SP
SN
VC
RPG
PMEG3005AEA
RPG
D1
PMEG3005AEA
D1
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com