Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR811 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR811
Description  Reset Circuits with Manual Reset Input
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR811 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR811 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR811 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Data
Reset Circuits with Manual Reset Input
Data Sheet N1594 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR811/SSR812
Ordering Information:
SSR811 -XXXXX
SSR812 -XXXXX
Marking Diagram:
PIN CONFIGURATION
SOT-23-5
TOP VIEW
1: GND
2: NC
3:
RES E T
————————
(RESET)
4: MR
———
5: VCC
Part No.
Marking
SSR811-26DTR
BQ26G
SSR811-29DTR
BQ29G
SSR811-31DTR
BQ31G
SSR811-44DTR
BQ44G
SSR811-46DTR
BQ46G
SSR812-23DTR
BR23G
SSR812-26DTR
BR26G
SSR812-29DTR
BR29G
SSR812-31DTR
BR31G
SSR812-40DTR
BR40G
SSR812-44DTR
BR44G
SSR812-46DTR
BR46G
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
PACKAGING TYPE
D: SOT-23-5
RESET THRESHOLD
VOLTAGE
23: 2.3V
26: 2.6V
27: 2.7V
29: 2.9V
31: 3.1V
40: 4.0V
44: 4.4V
46: 4.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com