Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUL3 Datasheet(PDF) 2 Page - MMD Components

Part # MUL3
Description  Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MUL3 Datasheet(HTML) 2 Page - MMD Components

  MUL3 Datasheet HTML 1Page - MMD Components MUL3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
04/10/16 D
Subject to change without notice
Pg 2 of 2
Revision:
PITCH
PITCH
8.00 [.315]
TAPE WIDTH
16.00 [.630]
DIRECTION OF FEED
180[7 IN]
REEL DIA
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
1000
QTY PER REEL
PIN 1 ORIENT.
Q1
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.10 [.004] mm unless otherwise specified.
4. Do not scale drawing.
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
5.15 [.203]
MAX
3.35 [.132]
MAX
1.30 [.051]
32
1
45
6
1.27 [.050]
2.54 [.100]
1.00 [.039]
0.64 [.025]
1.27 [.050]
2.54 [.100]
1.00 [.039]
1.40 [.055]
0.80 [.031]
PIN CONNECTIONS
SUPPLY VOLTAGE
COMPLEMENTARY OUTPUT
OUTPUT
CASE GROUND
NO CONNECTION
TRI-STATE OR NO CONNECTION
PIN 4
PIN 6
PIN 5
PIN 2
PIN 3
PIN 1
MXX.XXX
SYYWWL
PIN 1 DESIGNATOR LOCATED IN THIS AREA.
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
RECOMMENDED
LAND PATTERN
5 x 3.2 Ceramic SMD 6 Pads
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
L
Supply Voltage
2 = +2.50 VDC
3 = +3.30 VDC
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Pin 1 Connection
Blank = No Connection
H = Tri-state
Packaging
Blank = Bulk
T = Tape and Reel
Output
L=LVPECL
MU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com