Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

409DMQ150 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 409DMQ150
Description  All SMC parts are traceable to the wafer lot
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

409DMQ150 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  409DMQ150 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 409DMQ150 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 409DMQ150 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 409DMQ150 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1502, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
409DMQ SERIES
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
135
409CMQ135
Peak Inverse Voltage
VRWM
-
150
409CMQ150
V
200
per leg
Max. Average Forward
Current
IF(AV)
50% duty cycle @TC =105°C,
rectangular wave form
400
per device
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
2760
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 200A, Pulse, TJ = 25
°C
@ 400A, Pulse, TJ = 25 °C
1.03
1.21
V
Max. Forward Voltage Drop
(per leg) *
VF2
@ 200A, Pulse, TJ = 125 °C
@ 400A, Pulse, TJ = 125
°C
0.72
0.83
V
IR1
@VR = rated VR TJ = 25
°C
6
mA
Max. Reverse Current (per
leg) *
IR2
@VR = rated VR TJ = 125 °C
85
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
6000
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
5.0
nH
Isolation Voltage
VISO
Tracer to 1500V, measuring
whether conducting base
plate and the center column
1500
V
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
µs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
0.40
°C/W
Maximum Thermal
Resistance Junction to Case
(per package)
RθJC
DC operation
0.20
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth
and greased
0.10
°C/W
Mounting
Torque
24(min)
35(max)
Mounting Torque
TM
-
Terminal
Torque
35(min)
46(max)
Kg-cm
Approximate Weight
wt
-
79
g
Case Style
PRM4 Isolated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com