Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR360TR Datasheet(PDF) 4 Page - International Rectifier

Part # MBR360TR
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR360TR Datasheet(HTML) 4 Page - International Rectifier

  MBR360TR Datasheet HTML 1Page - International Rectifier MBR360TR Datasheet HTML 2Page - International Rectifier MBR360TR Datasheet HTML 3Page - International Rectifier MBR360TR Datasheet HTML 4Page - International Rectifier MBR360TR Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR350, MBR360
Bulletin PD-20594 rev. B 03/03
4
www.irf.com
Fig. 6 - Max. Non-Repetitive Surge Current
Fig. 5- Forward Power Loss
Characteristics
(2) Formula used: T
C
= T
J
- (Pd + Pd
REV
) x R
thJC
;
Pd = Forward Power Loss = I
F(AV)
x V
FM
@ (I
F(AV) /
D) (see Fig. 6);
Pd
REV
= Inverse Power Loss = V
R1
x I
R
(1 - D); I
R
@ V
R1
= 80% rated V
R
Fig. 4 - Max. Allowable Lead Temperature
Vs. Average Forward Current
Average Forward Current - I
F(AV)
(A)
Average Forward Current - I
F(AV)
(A)
Square Wave Pulse Duration - t
p (microsec)
0
0.5
1
1.5
2
2.5
3
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With rated Vrrm Applied
Following Surge
0
20
40
60
80
100
120
140
160
012345
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com