Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2612ABP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2612ABP
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2612ABP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2612ABP Datasheet HTML 1Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 2Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 3Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 4Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 5Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 6Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 7Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 8Page - National Semiconductor (TI) LM2612ABP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
A =TJ = 25˚C, and those in bold face type apply over the full Operating Tem-
perature Range (T
A =TJ = −25˚C to +85˚C). Unless otherwise specified, PVIN = VDD = EN = SYNC = 3.6V, VID0 = VID1 =
0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
VID
VID1, VID0 Pull Down
Current
VID1, VID0 = 3.6V
1.8
µA
f
sync
SYNC/MODE Clock
Frequency Range
(Note 10)
500
1000
kHz
F
OSC
Internal Oscillator
Frequency
LM2612ABP, PWM Mode
(SYNC = VIN)
468
600
732
kHz
LM2612BBP, PWM Mode
(SYNC = VIN)
450
600
750
T
min
Minimum ON-Time of P FET
Switch in PWM Mode
200
ns
Load Transient Response in
PWM Mode
Circuit of
Figure 1
I
OUT = 20mA to 200mA Step
±25
mV
Line Transient Response in
PFM Mode
Circuit of
Figure 1
V
IN = 3.0V to 3.6V Step
t
r =tp =10 µs
±3mV
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended
to be functional, but parameter specifications may not be guaranteed. For guaranteed specifications and associated test conditions, see the Min and Max limits and
Conditions in the Electrical Characteristics table. Electrical Characteristics table limits are guaranteed by production testing, design or correlation using standard
Statistical Quality Control methods. Typical (Typ) specifications are mean or average values from characterization at 25C and are not guaranteed.
Note 2: In PWM mode, Thermal shutdown will occur if the junction temperature exceeds the 150˚C maximum junction temperature of the device.
Note 3: Thermal resistance specified with 2 layer PCB(0.5/0.5 oz. cu).
Note 4: Thermal resistance specified with 3 layer PCB (2/1/1 oz. cu) and 12 vias 0.33mm diameter (see Application Note AN-1187).
Note 5: The LM2612 is designed for cell phone applications where turn-on after power-up is controlled by the system processor and internal UVLO (Under Voltage
LockOut) circuitry is unecessary. The LM2612 has no UVLO circuitry and should be kept in shutdown by holding the EN pin low until the input voltage exceeds 2.8V.
Although the LM2612 exhibited safe behavior during pre-production evaluation while enabled at low input voltages, this is not guaranteed.
Note 6: The feedback voltage is trimmed at the 1.5V output setting. The other output voltages result from the pin selection of the internal DAC’s divider ratios. The
precision for the feedback voltages is ±2%, except for the 1.05V setting, which is 5%. Contact the Portable Power Applications group at National Semiconductor,
if trimming at other voltages is desired.
Note 7: : The hysteresis voltage is the minimum voltage swing on FB that causes the internal feedback and control circuitry to turn the internal PFET switch on and
then off, during PFM mode.
Note 8: Current limit is built-in, fixed, and not adjustable. If the current limit is reached while the output is pulled below about 0.7V, the internal PFET switch turns
off for 2.5 µs to allow the inductor current to diminish.
Note 9: EN is a CMOS Schmitt trigger digital input with logic thresholds that scale with the supply voltage at the VDD pin. The nominal logic thresholds are
approximately 0.71VDD and 0.55VDD for the high and low thresholds respectively.
Note 10: SYNC driven with an external clock switching between VIN and GND. When an external clock is present at SYNC, the IC is forced to PWM mode at the
external clock frequency. The LM2612 synchronizes to the rising edge of the external clock.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com