Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS3443 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS3443
Description  Non-isolated Buck Offline LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3443 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS3443 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WS3443 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Copyright@WinsemiMicroelectronics Co.,Ltd.,All rightreserved
1105
Features
Critical Conduction Mode Operation
Internal 500V Power MOSFET
No Auxiliary Winding
Ultra Low Operating Current
±3% LED Output Current Accuracy
Efficiency up to 93%
LED Open Protection
LED Short Protection
Current Sensing Resistor Short Protection
Thermal Regulation Function
Available in DIP-7 Package
Applications
LED Candle Light
LED Bulb, Spot Light
T8/T10 LED String
Other LED Lighting
Description
The WS3443 is a high precision buck constant current
LED driver. The device operates in critical conduction mode
and is suitable for 85Vac~265Vac universal input offline LED
lighting.
The WS3443 integrates a 500V power MOSFET. The
operating current of the IC is very low. So it doesn’t need the
auxiliary winding for supplying the chip. It can achieve
excellent constant current performance with very few external
components, so the system cost and size are minimized.
The WS3443 utilizes patent pending current control
method. It can achieve precise output current and excellent
line regulation. The driver operates in critical conduction
mode, the output current does not change with the inductance
and LED output voltage.
The WS3443 offers rich protection functions to improve
the system reliability, including LED open circuit protection,
LED short circuit protection, VCC under voltage protection,
CS resistor short circuit protection and thermal regulation
function.
The WS3443 is available in DIP-7 Package.
Typical Application
Attention:A 22pF capacitor can be parallel with Rovp and a resistor can be parallel with the Vcc capacitor.
Non-isolated Buck Offline LED Driver


Similar Part No. - WS3443

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3443 WINSEMI-WS3443 Datasheet
529Kb / 8P
Non-isolated Buck Offline LED Driver
WS3443D7P WINSEMI-WS3443D7P Datasheet
529Kb / 8P
Non-isolated Buck Offline LED Driver
More results

Similar Description - WS3443

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
Non-isolated Buck Offline LED Driver
logo
Unisonic Technologies
USL3533K UTC-USL3533K Datasheet
199Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2836D BPS-BP2836D Datasheet
196Kb / 2P
Non-isolated Buck Offline LED Driver
BP9911CB BPS-BP9911CB Datasheet
252Kb / 2P
Non-isolated Buck Offline LED Driver
BP9916C BPS-BP9916C Datasheet
217Kb / 2P
Non-isolated Buck Offline LED Driver
BP9918C BPS-BP9918C Datasheet
216Kb / 2P
Non-isolated Buck Offline LED Driver
BP2857D BPS-BP2857D Datasheet
272Kb / 2P
Non-isolated Buck Offline LED Driver
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
Non-isolated Buck Offline LED Driver
BP2833A BPS-BP2833A Datasheet
423Kb / 8P
Non-isolated Buck Offline LED Driver
BP9916B BPS-BP9916B Datasheet
413Kb / 8P
Non-isolated Buck Offline LED Driver
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com