Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2619 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619
Description  500mA Sub-Miniature Step-Down DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2619 Datasheet HTML 1Page - National Semiconductor (TI) LM2619 Datasheet HTML 2Page - National Semiconductor (TI) LM2619 Datasheet HTML 3Page - National Semiconductor (TI) LM2619 Datasheet HTML 4Page - National Semiconductor (TI) LM2619 Datasheet HTML 5Page - National Semiconductor (TI) LM2619 Datasheet HTML 6Page - National Semiconductor (TI) LM2619 Datasheet HTML 7Page - National Semiconductor (TI) LM2619 Datasheet HTML 8Page - National Semiconductor (TI) LM2619 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Connection Diagrams
10-Bump micro SMD Package
20057404
Top View
20057405
Bottom View
Ordering Information
Order Number
Package Type
NSC Package
Marking (*)
Supplied As
LM2619ATL
10-bump Wafer Level Chip Scale
(micro SMD)
XYTT S76A
250 Tape and Reel
LM2619ATLX
XYTT S76A
3000 Tape and Reel
(*) XY - denotes the date code marking (2 digit) in production
(*) TT - refers to die run/lot traceability for production
(*) S - product line designator
Package markings may change over the course of production.
Pin Description
Pin Number
Pin Name
Function
A1
FB
Feedback Analog Input.
B1
EANEG
Inverting input of error amplifier.
C1
EAOUT
Output of error amplifier.
D1
SYNC/MODE
Synchronization Input. Use this digital input for frequency selection or modulation control.
Set:
SYNC/MODE = high for low-noise 600kHz PWM mode
SYNC/MODE = low for low-current PFM mode
SYNC/MODE = a 500kHz–1MHz external clock for synchronization in PWM mode. (See
Synchronization and Operating Modes in the Device Information section.)
D2
EN
Enable Input. Set this Schmitt trigger digital input high for normal operation. For shutdown,
set low. Set EN low during system power-up and other low supply voltage conditions.
(See Shutdown Mode in the Device Information section.)
D3
PGND
Power Ground.
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the max Switch Peak
Current Limit of the LM2619.
B3
PVIN
Power Supply Voltage Input to the internal PFET switch. Connect to the input filter
capacitor.
A3
VDD
Analog Supply Input. If board layout is not optimum, an optional 0.1µF ceramic capacitor
is suggested.
A2
SGND
Analog and Control Ground.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com