Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1869 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ES1869
Description  AudioDrive Solution Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES1869 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ES1869 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1869 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1869 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1869 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0113-030601
ESS Technology, Inc.
ES1869 PRODUCT BRIEF
PINOUT
Figure 1 shows the ES1869 printout diagram.
Figure 1 ES1869 Pinout Diagram
ES1869 PIN DESCRIPTIONS
Table 1 lists the ES1869 pin descriptions.
AOUT_L
LINE_R
LINE_L
CIN_R
CIN_L
FOUT_L
FOUT_R
VDDA
CAP3D
GNDA
MIC
CMR
AUXA_R
AUXA_L
AUXB_R
AUXB_L
SWA
SWB
SWC
SWD
RESET
FSR
FSX
DCLK
DR
DX
MSD
MCLK
SE
RSTB
GPO1/GPDACK
GPI/DRQ/GPIRQ
CDIRQ / A15
CDCSB0 / A14
CDCSB1 / A13
CDENBL / A12
A10
A11
A0
A1
31
50
81
100
ES1869F
100-Pin PQFP
Table 1 ES1869 Pin Descriptions
Names
Pin Numbers
I/O
Descriptions
A[11:0]
1, 2, 6:4, 10:8,
97:100
I
Address inputs from the ISA bus.
VDDD
3, 57, 80
I
Digital supply voltage (4.5 to 5.5V).
GNDD
7, 24, 52, 77
I
Digital ground.
AEN
11
I
Active-low address enable from the ISA bus.
D[7:0]
12:19
I/O
Bidirectional data bus. These pins have weak pull-up devices to prevent these inputs from floating
when not driven.
PSEL
20
I
This pin selects the PnP ROM device used:
0
Internal ROM
1
93LC66 – 512 x 8, 9 address bits.
SECS
I/O
Serial EEPROM CS. This is an input pin during RESET.
SEDO
21
I
Data output pin of external PnP serial EEPROM.
VOLDN
I
Active-low volume decrease button input with internal pull-up.
SEDI
22
O
Data input pin to external PnP serial EEPROM.
VOLUP
I
Active-low volume increase button input with internal pull-up.
MUTE
23
I
Active-low mute toggle button input with internal pull-up.
SECLK
O
External serial EEPROM clock output for PnP.
MONO_OUT
25
O
Mono output with source select and volume control (including mute). This pin can drive an external
5k ohm load.
MONO_IN
26
I
Mono input to mixer and ADC. Has an internal pull-up to CMR.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com