Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7528SD Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7528SD
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528SD Datasheet(HTML) 4 Page - Exar Corporation

  MP7528SD Datasheet HTML 1Page - Exar Corporation MP7528SD Datasheet HTML 2Page - Exar Corporation MP7528SD Datasheet HTML 3Page - Exar Corporation MP7528SD Datasheet HTML 4Page - Exar Corporation MP7528SD Datasheet HTML 5Page - Exar Corporation MP7528SD Datasheet HTML 6Page - Exar Corporation MP7528SD Datasheet HTML 7Page - Exar Corporation MP7528SD Datasheet HTML 8Page - Exar Corporation MP7528SD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP7528
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 5 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
End Point Linearity Spec.
(Relative Accuracy)
J, A, S
+1+1
K, B, T
+1/2
+1/2
L, C
+1/4
+1/4
Monotonicity
Guaranteed over temp
Differential Non-Linearity
DNL
+1+1
LSB
All grades monotonic over full
J, A, S
temperature range.
K, B, T
L, C
Gain Error
GE
LSB
Using Internal RFB
J, A, S
+4+6
Digital Inputs = VINH
K, B, T
+2+4
L, C
+1+3
Gain Temperature Coefficient2
TCGE
+70
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+200
+400
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
Digital Inputs = VINH
Output Leakage Current (Pin 2)
IOUT1
+50nA
+400nA
nA
Digital Inputs = VINL
Output Leakage Current (Pin 20)
IOUT2
+50nA
+400nA
nA
Digital Inputs = VINH
Input Resistance
VREFA
8
15
8
15
k
Ω
TC = –300 ppm/
°C max.
VREFB
8
15
8
15
k
Ω
11 k
Ω typical
Input Resistance Matching
+1+1%
DYNAMIC PERFORMANCE2
RL=100Ω, CL=13pF
Harmonic Distortion
THD
–85
dB
VIN = 6VRMS @ 1 KHz
Digital Crosstalk
Q
30
nVs
Measured for code transition
ZS to FSS
Channel-to-Channel Isolation
CCI
–77
dB
AC Feedthrough at IOUT1
FT
–70
–65
dB
VREF = 10kHz, 20 Vp-p, sinewave
Glitch Energy
Egl
160
nVs
ZS to FS Input Change
Propagation Delay
tPD
220
270
ns
From digital input to 90%
of final analog output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com