Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2630 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2630
Description  Synchronous Step-Down Power Supply Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2630 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2630 Datasheet HTML 6Page - National Semiconductor (TI) LM2630 Datasheet HTML 7Page - National Semiconductor (TI) LM2630 Datasheet HTML 8Page - National Semiconductor (TI) LM2630 Datasheet HTML 9Page - National Semiconductor (TI) LM2630 Datasheet HTML 10Page - National Semiconductor (TI) LM2630 Datasheet HTML 11Page - National Semiconductor (TI) LM2630 Datasheet HTML 12Page - National Semiconductor (TI) LM2630 Datasheet HTML 13Page - National Semiconductor (TI) LM2630 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Design Procedure (Continued)
current to be 30% of the dc output current. Since the ripple
current increase with the input voltage, the maximum input
voltage is always used to determine the inductance. The dc
resistance of the inductor is a key parameter for the effi-
ciency. Lower dc resistance is available with a bigger wind-
ing area. A good tradeoff between the efficiency and the core
size is letting the inductor copper loss equal to 2% of the out-
put power.
Input Capacitor
A low ESR aluminum or tantalum capacitor is needed be-
tween the drain of the high-side MOSFET and ground to pre-
vent large voltage transients from appearing at the input.
The capacitor is selected based on the RMS current and
voltage requirements. The RMS current is given by:
The RMS current reaches its maximum (I
OUT/2) when VIN
equals 2V
OUT. A parallel of several capacitors may be re-
quired to meet the RMS current rating. For an aluminum ca-
pacitor, the voltage rating should be at least 25% higher than
the maximum input voltage. If a tantalum capacitor is used,
the voltage rating should be about twice the maximum input
voltage. The tantalum capacitor should also be surge current
tested by the manufacturer. It is also recommended to put a
small ceramic capacitor (0.1 µF) between the V
IN pin and
ground.
Output Capacitor
The selection of C
OUT is driven by the maximum allowable
output voltage ripple. The output ripple in FPWM mode is ap-
proximated by:
The ESR term plays the dominant role in determining the
voltage ripple. Low ESR aluminum electrolytic or tantalum
capacitors (such as Nichicon PL series, Sanyo OS-CON,
Sprague 593D, 594D, and AVX TPS) are recommended.
Electrolytic capacitors are not recommended for temperature
below −25˚C since their ESR rises dramatically at cold tem-
perature. Tantalum capacitors have a much better ESR
specification at cold temperatures and are preferred for low
temperature applications.
Power MOSFETs
Two N-channel logic-level MOSFETs are required for this ap-
plication. MOSFETs with low on-resistance and total gate
charge are recommended to achieve high efficiency. The
drain-source breakdown voltage ratings are recommended
to be 1.2 times the maximum input voltage.
Schottky Diode D
1
The Schottky diode D
1 is used to prevent the intrinsic body
diode of the low-side MOSFET Q
2 from conducting during
the dead time when both MOSFETs are off. Since the for-
ward voltage of D
1 is less than the body diode, efficiency can
be improved. The breakdown voltage rating of D
1 is pre-
ferred to be 25% higher than the maximum input voltage.
Since D
1 is only on for a short period of time (about 200 ns
each cycle), the average current rating for D
1 only requires
to be higher than 30% of the maximum output current. It is
important to place D
1 very close to the drain and source of
Q
2, extra parasitic inductance in the parallel loop will slow
the turn-on of D
1 and direct the current through the body di-
ode of Q
2.
R
1 and R2 (Programming Output Voltage)
Use the following formula to select the appropriate resistor
values:
V
OUT = VREF(1+R1/R2)
where V
REF = 1.238V
Select a value for R
2 between 10kΩ and 100kΩ. (Use 1% or
higher accuracy metal film resistors).
Current sense resistor
The value of the sense resistor is determined by the mini-
mum current limit voltage and the maximum peak current. It
can be calculated as follows:
where TF is the tolerance factor of the sense resistor.
PCB Layout Considerations
Layout is critical to reduce noises and ensure specified per-
formance. The important guidelines are listed as follows:
1.
Minimize the parasitic inductance in the loop of input ca-
pacitors and MOSFETS: Q1, Q2 by using wide and short
traces. This is important because the rapidly switching
current, together with wiring inductance can generate
large voltage spikes which can cause noise problems.
2.
Always minimize the high-current ground traces: such as
the traces from PGND pin to the source of Q2, then to
the negative terminals of the output capacitors.
3.
Use dedicated (Kelvin sense) and short traces from
CSH, CSL pins to the sense resistor, R3. Keep these
traces away from noise traces (such as SW trace, and
gate traces).
4.
Minimize the traces connecting Q2 and the Schottky di-
ode. Any parasitic inductance in the loop can delay the
turn-on of the Schottky diode, which diminishes the effi-
ciency gain from adding D1.
5.
Minimize the traces from drivers (HDRV pin and LDRV
pin) to the MOSFETs gates.
6.
Minimize the trace from the center of the output resistor
divider to the FB pin and keep it away from noise
sources to avoid noise pickup. A dedicated sense trace
(separated from the power trace) can be used to con-
nect the top of the resistor divider to the output. The
sense trace ensures tight regulation at the output.
Application Circuits
A typical application circuit is shown in
Figure 2, with some of
the components values shown in
Table 1.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com