Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
9
Version: DM9000-DS-F02
June 26, 2002
66
EECK
O
Clock to EEPROM
67
EECS
I/O
Chip Select to EEPROM
This pin is also used as a strap pin to define the LED modes.
When it is pulled high, the LED mode is mode 1; Otherwise it is mode 0
Note: The pins EECS,EECK and EEDO are all have a pulled down resistor about 60k ohm internally
5.4 Clock Interface
21
X2_25M
O
Crystal 25MHz Out
22
X1_25M
I
Crystal 25MHz In
59
CLK20MO
O
20Mhz Clock Output
It is used as the clock signal for the external MII device’s clock is 20MHz
This pin has a pulled down resistor about 60k ohm internally.
5.5 LED
Interface
60
SPEED100#
O
Speed LED
Its low output indicates that the internal PHY is operated in 100M/S, or it
is floating for the 10M mode of the internal PHY
61
DUP#
O
Full-duplex LED
In LED mode 1, Its low output indicates that the internal PHY is operated
in full-duplex mode, or it is floating for the half-duplex mode of the internal
PHY
In LED mode 0, Its low output indicates that the internal PHY is operated
in 10M mode, or it is floating for the 100M mode of the internal PHY
62
LINK&ACT#
O
Link LED
In LED mode 1, it is the combined LED of link and carrier sense signal of
the internal PHY
In LED mode 0, it is the LED of the carrier sense signal of the internal
PHY only
5.6 10/100 PHY/Fiber
24
SD
I
Fiber-optic Signal Detect
PECL signal, which indicates whether or not the fiber-optic receive pair is
receiving valid levels
25
BGGND
P
Bandgap Ground
26
BGRES
I/O
Bandgap Pin
27
AVDD
P
Bandgap and Guard Ring Power
28
AVDD
P
RX Power
29
RXI+
I
TP RX Input
30
RXI-
I
TP RX Input
31
AGND
P
RX Ground
32
AGND
P
TX Ground
33
TXO+
O
TP TX Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com