Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MODZ12 Datasheet(PDF) 1 Page - MMD Components

Part # MODZ12
Description  Oven Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MODZ12 Datasheet(HTML) 1 Page - MMD Components

  MODZ12 Datasheet HTML 1Page - MMD Components MODZ12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
07/26/11 E
Revisions only with customer approval
Pg 1 of 2
Revision:
M
MO
OD
DZ
Z S
Se
erriie
ess 2
2”” S
Sq
qu
ua
arre
e,, 5
5 P
Piin
n O
OC
CX
XO
O
 Oven Controlled Oscillator
 Ultra High Stability
 SC Crystal
 -40°C to 85° Available
Environmental & Mechanical Detail
Marking Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
1.0MHz to150.0MHz
Frequency Stability
±1ppb to ±50ppb
Operating Temperature
-40°C to 85°C max*
* All stabilities not available, please consult MMD for availablity.
Storage Temperature
-40°C to 95°C
Output
Sinewave ±3 dBm / 50Ω
Supply Voltage
12.0V
Supply Current
120mA typ. / 450mA max
Warm-up Time
30min. @ 25°C
Input Impedance
100K Ohms typical
Crystal
SC Cut
Phase Noise @ 10MHZ
SC
10 Hz Offset
-113dBc
100 Hz Offset
-135dBc
1000 Hz Offset
-140dBc
10K Hz Offset
-155dBc
100K Hz Offset
-155dBc
Voltage Control 0 to VCC
±0.75ppm typ
Aging (after 30 days)
±0.1ppm/yr.
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Numerical Digit Date Code
(Year / Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Pin 1 Designator


Similar Part No. - MODZ12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MODZ12S001A MMD-MODZ12S001A Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001B MMD-MODZ12S001B Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001C MMD-MODZ12S001C Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001D MMD-MODZ12S001D Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001E MMD-MODZ12S001E Datasheet
147Kb / 1P
Oven Controlled Oscillator
More results

Similar Description - MODZ12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOAH MMD-MOAH Datasheet
120Kb / 1P
Oven Controlled Oscillator
MOCH MMD-MOCH Datasheet
130Kb / 1P
Oven Controlled Oscillator
MODZ MMD-MODZ Datasheet
147Kb / 1P
Oven Controlled Oscillator
MOBH MMD-MOBH Datasheet
118Kb / 1P
Oven Controlled Oscillator
MOFH MMD-MOFH Datasheet
91Kb / 1P
Oven Controlled Oscillator
MOEH MMD-MOEH Datasheet
127Kb / 1P
Oven Controlled Oscillator
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
Oven Controlled Oscillator
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
Oven Controlled Oscillator
MOFH12 MMD-MOFH12 Datasheet
122Kb / 2P
Oven Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com