Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OPA6
91
OPA6
91
Wideband, Current Feedback
OPERATIONAL AMPLIFIER With Disable
DESCRIPTION
The OPA691 sets a new level of performance for broadband
current feedback op amps. Operating on a very low 5.1mA
supply current, the OPA691 offers a slew rate and output
power normally associated with a much higher supply cur-
rent. A new output stage architecture delivers a high output
current with minimal voltage headroom and crossover distor-
tion. This gives exceptional single-supply operation. Using a
single +5V supply, the OPA691 can deliver a 1V to 4V output
swing with over 150mA drive current and 190MHz band-
width. This combination of features makes the OPA691 an
ideal RGB line driver or single-supply Analog-to-Digital Con-
verter (ADC) input driver.
The OPA691’s low 5.1mA supply current is precisely trimmed
at 25
°C. This trim, along with low drift over-temperature,
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single-Supply
±2.5V to ±6V Dual-Supply
q UNITY-GAIN STABLE: 280MHz (G = 1)
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q HIGH SLEW RATE: 2100V/
µs
q LOW dG/dφ: 0.07% /0.02
°
q LOW SUPPLY CURRENT: 5.1mA
q LOW DISABLED CURRENT: 150
µA
q WIDEBAND +5V OPERATION: 190MHz (G = +2)
APPLICATIONS
q xDSL LINE DRIVER
q BROADBAND VIDEO BUFFERS
q HIGH-SPEED IMAGING CHANNELS
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
q WIDEBAND INVERTING SUMMING
q HIGH SFDR IF AMPLIFIER
ensures lower maximum supply current than competing
products. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it HIGH, gives normal operation. If pulled LOW, the
OPA691 supply current drops to less than 150
µA while the
output goes into a high impedance state. This feature may be
used for power savings.
OPA691
SBOS226A – DECEMBER 2001– REVISED SEPTEMBER 2002
OPA691 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA690
OPA2690
OPA3690
Current Feedback
OPA681
OPA2691
OPA3691
Fixed Gain
OPA692
OPA3692
100
Ω
50
Ω
OPA691
+5V
DIS
–5V
V
O = –(V1 + V2 + V3 + V4 + V5)
100MHz, –1dB Compression = 15dBm
50
Ω
V
2
50
Ω
V
3
50
Ω
V
4
50
Ω
V
1
50
Ω
RG-58
50
Ω
V
5
30
Ω
200MHz RF Summing Amplifier
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 BURR-BROWN-OPA690 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com