Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9441 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS9441
Description  Non-isolated BuckOffline LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9441 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS9441 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WS9441 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
0318
Features
Critical Conduction Mode Operation
Internal 500V Power MOSFET
Gate Drive and No Auxiliary Winding
±
3% LED Current Accuracy
Efficiency up to 93%
LED Short Circuit Protection
LED Open Circuit Protection
Current Sense Resistor Short Protection
Thermal Regulation Function
Applications
LED Bulb Lights
LED Panel Lights
LED Strings
Description
The WS9441 is a high precision buck constant current LED
driver and is applied to non-isolated buck LED power system with
AC input voltage of 85VAC-265VAC. The WS9441 integrates a
500V power MOSFET, and can achieve excellent constant current
performance with very few external components, so the system
cost and size are minimized. The driver operates in critical
conduction mode, and the output current does not change with the
inductance and LED output voltage. The operating current of the
IC is 200uA, so it doesn’t need the auxiliary winding for supplying
the chip, thus simplifying design and reducing cost.
The WS9441 adopts intelligent temperature control and
thoroughly solves the problem of light flashing at high
temperatures. The WS9441 offers full protection functions to
improve the system reliability, including LED open circuit
protection, LED short circuit protection, CS resistor short circuit
protection and thermal regulation function.
The WS9441 is available in SOP-7 Package.
Typical Application Circuit
Non-isolated BuckOffline LED Driver


Similar Part No. - WS9441

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
List of Unclassifed Man...
WS9441P ETC2-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
logo
List of Unclassifed Man...
WS9441PS7P ETC2-WS9441PS7P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441PS7P WINSEMI-WS9441PS7P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
More results

Similar Description - WS9441

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL3631 UTC-USL3631 Datasheet
210Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
List of Unclassifed Man...
WS9441P ETC2-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445 ETC2-WS9445 Datasheet
588Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9445P WINSEMI-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445 WINSEMI-WS9445 Datasheet
588Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2336J BPS-BP2336J Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2832A BPS-BP2832A Datasheet
422Kb / 8P
Non-isolated Buck Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com