Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72774S9T1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 51Page - STMicroelectronics ST72774S9T1 Datasheet HTML 52Page - STMicroelectronics ST72774S9T1 Datasheet HTML 53Page - STMicroelectronics ST72774S9T1 Datasheet HTML 54Page - STMicroelectronics ST72774S9T1 Datasheet HTML 55Page - STMicroelectronics ST72774S9T1 Datasheet HTML 56Page - STMicroelectronics ST72774S9T1 Datasheet HTML 57Page - STMicroelectronics ST72774S9T1 Datasheet HTML 58Page - STMicroelectronics ST72774S9T1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
ST72774/ST727754/ST72734
55/144
16-BIT TIMER (Cont’d)
Table 16. 16-Bit Timer Register Map
Address
(Hex.)
Register
Name
765
43
21
0
11
CR2
OC1E
OC2E
OPM
PWM
CC1
CC0
IEDG2
EXEDG
12
CR1
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
13
SR
ICF1
OCF1
TOF
ICF2
OCF2
0
0
0
14
IC1HR
MSB
LSB
15
IC1LR
MSB
LSB
16
OC1HR
MSB
LSB
17
OC1LR
MSB
LSB
18
CHR
MSB
LSB
19
CLR
MSB
LSB
1A
ACHR
MSB
LSB
1B
ACLR
MSB
LSB
1C
IC2HR
MSB
LSB
1D
IC2LR
MSB
LSB
1E
OC2HR
MSB
LSB
1F
OC2LR
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com