Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72754J9B1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72754J9B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754J9B1 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72754J9B1 Datasheet HTML 1Page - STMicroelectronics ST72754J9B1 Datasheet HTML 2Page - STMicroelectronics ST72754J9B1 Datasheet HTML 3Page - STMicroelectronics ST72754J9B1 Datasheet HTML 4Page - STMicroelectronics ST72754J9B1 Datasheet HTML 5Page - STMicroelectronics ST72754J9B1 Datasheet HTML 6Page - STMicroelectronics ST72754J9B1 Datasheet HTML 7Page - STMicroelectronics ST72754J9B1 Datasheet HTML 8Page - STMicroelectronics ST72754J9B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
October 2003
1/144
ST72774/ST72754/ST72734
8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM,
ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
s
User ROM/OTP/EPROM: up to 60 Kbytes
s
Data RAM: up to 1 Kbytes (256 bytes stack)
s
8 MHz Internal Clock Frequency in fast mode,
4 MHz in normal mode
s
Run and Wait CPU modes
s
System protection against illegal address jumps
and illegal opcode execution
s
Sync Processor for Mode Recognition, power
management and composite video blanking,
clamping and free-running frequency
generation
– Corrector mode
– Analyzer mode
s
USB (Universal Serial Bus) for monitor function 1
– Three endpoints
– Integrated 3.3V voltage regulator
– Transceiver
– Suspend and Resume operations
s
Timing
Measurement
Unit
(TMU)
for
autoposition and autosize 1
s
Fast I2C Single Master Interface
s
DDC Bus Interface with:
– DDC1/2B protocol implemented in hardware
– Programmable DDC CI modes
– Enhanced DDC (EDDC) address decoding
s
31 I/O lines
s
2 lines programmable as interrupt inputs
s
16-bit timer with 2 input captures and 2 output
compare functions
s
8-bit Analog to Digital Converter with 4 channels
on port B
s
8 10-bit PWM/BRM Digital to Analog outputs
s
Master Reset and Low Voltage Detector (LVD)
reset
s
Programmable Watchdog for system reliability
s
Fully static operation
s
63 basic instructions / 17 main addressing
modes
s
8x8 unsigned multiply instruction
s
True bit manipulation
s
Complete development support on PC/DOS-
Windows:
Real-Time
Emulator,
EPROM
Programming Board and Gang Programmer
s
Full software package (assembler, linker, C-
compiler, source level debugger)
Device Summary
(1) On some devices only, refer to Device Summary; (2) Contact Sales office for availability
(3) 8-bit ±2 LSB A/D converter ; (4) 8-bit ±4 LSB A/D converter.
TQFP44
10 x 10
PSDIP42
Features
ST72(T/E)774(J/S)9 ST72(T)754(J/S)9 ST72774(J/S)7
ST72754(J/S)7 ST72(T/E)734J6
Program Memory -
Bytes
60K
48K
32K
RAM (stack) - Bytes
1K (256)
512 (256)
Peripherals
USB
No USB
USB
No USB
No USB
ADC 3, 16-bit timer, I2C, DDC, TMU,Sync, PWM, LVD, Watchdog
ADC4, I2C,LVD,
DDC,Sync,
16-bit timer,
PWM, Watchdog
Operating Supply
4.0V to 5.5V supply operating range
Oscillator Frequency
12 or 24 MHz
Operating Temperature
0 to +70°C
Package
CSDIP42 or PSDIP42 or TQFP44
PSDIP42
CSDIP42
1


Similar Part No. - ST72754J9B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N6 STMICROELECTRONICS-ST72751N6 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N6 STMICROELECTRONICS-ST72751N6 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N7 STMICROELECTRONICS-ST72751N7 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N7 STMICROELECTRONICS-ST72751N7 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
More results

Similar Description - ST72754J9B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May-1996
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Mar-1998
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
8bit OTP MCU with 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com