Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72754S7T1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST72754S7T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754S7T1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST72754S7T1 Datasheet HTML 23Page - STMicroelectronics ST72754S7T1 Datasheet HTML 24Page - STMicroelectronics ST72754S7T1 Datasheet HTML 25Page - STMicroelectronics ST72754S7T1 Datasheet HTML 26Page - STMicroelectronics ST72754S7T1 Datasheet HTML 27Page - STMicroelectronics ST72754S7T1 Datasheet HTML 28Page - STMicroelectronics ST72754S7T1 Datasheet HTML 29Page - STMicroelectronics ST72754S7T1 Datasheet HTML 30Page - STMicroelectronics ST72754S7T1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
ST72774/ST727754/ST72734
27/144
4 ON-CHIP PERIPHERALS
4.1 I/O PORTS
4.1.1 Introduction
The I/O ports allow the transfer of data through
digital inputs and outputs, and, for specific pins,
the input of analog signals or the Input/Output of
alternate signals for on-chip peripherals (DDC,
TIMER...).
Each pin can be programmed independently as
digital input or digital output. Each pin can be an
analog input when an analog switch is connected
to the Analog to Digital Converter (ADC).
Figure 15. I/O Pin Typical Circuit
Note: This is the typical I/O pin configuration. For cost optimization, each port is customized with a specific configuration.
DR
DDR
latch
latch
DR SEL
DDR SEL
VDD
PAD
Analog
Switch (if required)
Analog Enable
(ADC)
Alternate enable
Alternate Enable
Digital Enable
Alternate enable
Alternate
Alternate Input
PULL-UP (if required)
output
P-BUFFER
(if required)
N-BUFFER
1
0
1
0
VSS
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com