Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811MERC Datasheet(PDF) 5 Page - Microchip Technology

Part # TCM811MERC
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811MERC Datasheet(HTML) 5 Page - Microchip Technology

  TCM811MERC Datasheet HTML 1Page - Microchip Technology TCM811MERC Datasheet HTML 2Page - Microchip Technology TCM811MERC Datasheet HTML 3Page - Microchip Technology TCM811MERC Datasheet HTML 4Page - Microchip Technology TCM811MERC Datasheet HTML 5Page - Microchip Technology TCM811MERC Datasheet HTML 6Page - Microchip Technology TCM811MERC Datasheet HTML 7Page - Microchip Technology TCM811MERC Datasheet HTML 8Page - Microchip Technology TCM811MERC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page 5
TCM811/TCM812
3.0
TYPICAL PERFORMANCE CHARACTERISTICS
FIGURE 3-1:
Supply Current vs. Temperature.
FIGURE 3-2:
Power-Down
Reset
Delay
vs.
Temperature.
FIGURE 3-3:
Power-Up
Reset
Timeout
vs.
Temperature.
FIGURE 3-4:
Supply Current vs. Temperature.
FIGURE 3-5:
Power-Down
Reset
Delay
vs.
Temperature.
FIGURE 3-6:
Power-Down
Reset
Delay
vs.
Temperature.
Note:
The graphs provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not
tested or guaranteed. In some graphs, the data presented may be outside the specified operating range
(e.g., outside specified power supply range) and therefore outside the warranted range.
VDD = 1V
TEMPERATURE (˚C)
8
10
12
14
6
4
2
0
–40
0
20
–20
40
60
85
VDD = 5V
VDD = 3V
TCM81xR/S/T/F
No Load
TEMPERATURE (˚C)
30
40
50
20
10
0
–40
0
20
–20
40
60
85
VOD = 20 mV
VOD = 100 mV
VOD = 200 mV
TCM81xF
TEMPERATURE (˚C)
240
245
250
235
230
225
–40
0
20
–20
40
60
85
TCM81xL/M
TCM81xR/S/T/F
8
6
4
2
0
TEMPERATURE (˚C)
–40
0
20
–20
40
60
85
VDD = 5V
VDD = 3V
VDD = 1V
TCM81xL/M
No Load
TEMPERATURE (˚C)
30
40
50
20
10
0
–40
0
20
–20
40
60
85
V
OD = 100 mV
V
OD = 200 mV
V
OD = 20 mV
TCM81xL/M
TEMPERATURE (˚C)
30
40
50
20
10
0
–40
0
20
–20
40
60
85
V
OD = 20 mV
V
OD = 100 mV
V
OD = 200 mV
TCM81x/R/S/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com