Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811RERC Datasheet(PDF) 2 Page - Microchip Technology

Part # TCM811RERC
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811RERC Datasheet(HTML) 2 Page - Microchip Technology

  TCM811RERC Datasheet HTML 1Page - Microchip Technology TCM811RERC Datasheet HTML 2Page - Microchip Technology TCM811RERC Datasheet HTML 3Page - Microchip Technology TCM811RERC Datasheet HTML 4Page - Microchip Technology TCM811RERC Datasheet HTML 5Page - Microchip Technology TCM811RERC Datasheet HTML 6Page - Microchip Technology TCM811RERC Datasheet HTML 7Page - Microchip Technology TCM811RERC Datasheet HTML 8Page - Microchip Technology TCM811RERC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TCM811/TCM812
DS21615B-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (
V
DD to GND).........................................+6.0V
RESET, RESET.................................... - 0.3V to (
V
DD + 0.3V)
Input Current,
V
DD.........................................................20 mA
Output Current, RESET, RESET...................................20 mA
Operating Temperature Range...................... – 40°C to +85°C
Storage Temperature Range....................... – 65°C to +150°C
Maximum Junction Temperature, T
S.............................. 150°C
*Notice: Stresses beyond those listed under “Absolute Maximun Rat-
ings” may cause permanenet damage to the device. These are stress
ratings only, and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximun rating con-
ditions for extended periods may affect device reliability.
PIN FUNCTION TABLE
ELECTRICAL CHARACTERISTICS
NAME
FUNCTION
GND
Ground
RESET (TCM811)
RESET push-pull output remains low
while
V
DD is below the reset voltage
threshold, and for at least 140 msec
(min.) after
V
DD rises above reset
threshold.
RESET (TCM812)
RESET push-pull output remains
high while
V
DD is below the reset
voltage threshold, and for at least
140 msec (min.) after
V
DD rises
above reset threshold.
MR
Manual Reset input generates a
reset when MR is below VIL.
V
DD
Supply Voltage
V
DD = 5V for L/M versions, VDD = 3.3V for T/S versions, VDD = 3V for R version, VDD = 2.0V for F version.
TA = –40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. (Note 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
V
DD Range
V
DD
1.0
1.1
—
—
5.5
5.5
VTCM811
TCM812
Supply Current
ICC
—
—
6
4.75
15
10
µA
TCM81_L/M, V
DD = 5.5V, I
OUT = 0
TCM81_R/S/T/F, V
DD = 3.6V, I
OUT
= 0
Reset Threshold
VTH
4.54
4.50
4.63
—
4.72
4.75
V
TCM81_L: TA = +25°C
TA = –40°C to +85°C
4.30
4.25
4.38
—
4.46
4.50
TCM81_M: TA = +25°C
TA = –40°C to +85°C
3.03
3.00
3.08
—
3.14
3.15
TCM81_T: TA = +25°C
TA = –40°C to +85°C
2.88
2.85
2.93
—
2.98
3.00
TCM81_S: TA = +25°C
TA = –40°C to +85°C
2.58
2.55
2.63
—
2.68
2.70
TCM81_R: TA = +25°C
TA = –40°C to +85°C
1.71
1.70
1.75
—
1.79
1.80
TCM81_F: TA = +25°C
TA = –40°C to +85°C
Reset Threshold Tempco
—
30
—
ppm/°C
V
DD to Reset Delay
—
—
20
5
—
—
µsec
V
DD = V
TH to VTH –125 mV; L, M,
R, S, T, F
Reset Active Timeout Period
tRP
140
280
560
msec
V
DD = V
TH(MAX)
MR Minimum Pulse Width
tMR
10
—
—
µsec
MR Glitch Immunity
—100
—nsec
MR to Reset Propagation
Delay
tMD
—0.5
—
µsec
Note 1: Production testing done at TA = +25°C and +85°C, over temperature limits are tested with periodic QA tests
in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com