Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9504A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9504A
Description  Glue chip 4
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9504A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9504A Datasheet HTML 18Page - NXP Semiconductors PCA9504A Datasheet HTML 19Page - NXP Semiconductors PCA9504A Datasheet HTML 20Page - NXP Semiconductors PCA9504A Datasheet HTML 21Page - NXP Semiconductors PCA9504A Datasheet HTML 22Page - NXP Semiconductors PCA9504A Datasheet HTML 23Page - NXP Semiconductors PCA9504A Datasheet HTML 24Page - NXP Semiconductors PCA9504A Datasheet HTML 25Page - NXP Semiconductors PCA9504A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Philips Semiconductors
Product data
PCA9504A
Glue chip 4
2004 May 11
22
SW00593
LATCHED_BACKFEED_CUT
BACKFEED_CUT*
SLP_S5*
T1
T2
Figure 14. Power up signal sequencing
Power up signal sequencing is shown in Figure 14. BACKFEED_CUT* is following the power rail up to its final value.
LATCHED_BACKFEED_CUT should stay LOW, never turning on. SLP_S5* goes to its HIGH value when the power rails have stabilized,
X25 msec after power on. BACKFEED_CUT* is pulled LOW a period T1 after SLP_S5* goes HIGH. T1 can be as short as 1msec. Typical
measured values are
X200 msec. T1 and T2 are guaranteed by the inherent design of the system and are not controlled by Glue Chip.
SW00594
LATCHED_BACKFEED_CUT
BACKFEED_CUT*
Tpropr
Tr
Tpropf
Tf
SLP_S5*
Figure 15. 1st sequence timing
The first possible sequence is with SLP_S5*staying HIGH and BACKFEED_CUT* transitioning from LOW to HIGH, remaining HIGH for an
undetermined period and then going back to LOW and the system is back at the end of the power-up sequence. The power-up sequence is
shown in Figure 15. During these BACKFEED_CUT* transitions, the propagation delays, rise and fall times, and going into regulation times
LATCHED_BACKFEED_CUT are as described in Figure 16. The first sequence starts can start at the end of the power-up sequence at any time.
SW00595
LATCHED_BACKFEED_CUT
BACKFEED_CUT*
T3
Tpropf
SLP_S5*
Tpropr
Tr
Tf
T4
Figure 16. 2nd sequence timing
Signal sequencing for the second possible sequence is shown in Figure 16. BACKFEED_CUT* goes from LOW to HIGH and SLP_S5* goes
from HIGH to LOW, 30
µsec to 65 µsec (T3) later. LATCHED_BACKFEED_CUT goes HIGH when BACKFEED_CUT* goes HIGH and then
LATCHED_BACKFEED_CUT returns to LOW when SLP_S5* goes LOW. BACKFEED_CUT* stays HIGH and SLP_S5* stays LOW for an
indeterminate time and then SLP_S5* will go HIGH. A minimum of 1msec (T4) later, BACKFEED_CUT* will go LOW and the system is back at
the end of the power-up sequence. Typical measured values of T4 are
X250 msec. During all transitions, the propagation delays, rise and fall
times, and going into regulation times for LATCHED_BACKFEED_CUT are as described in Figure 16. The first sequence starts can start at the
end of the power-up sequence at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com