Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA1108P Datasheet(PDF) 1 Page - American Microsemiconductor

Part # ADA1108P
Description  8 Diode Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

ADA1108P Datasheet(HTML) 1 Page - American Microsemiconductor

  ADA1108P Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AMERICAN MICROSEMICONDUCTOR INC.
P. O. Box 104
Madison, New Jersey 07940 U.S.A.
http://www.americanmicrosemi.com
email:sales@americanmicrosemi.com
Phone: (973) 377-9566 Fax: (973) 377-3078
FEATURES
• 8 Diode Array
• Standard 16 pin Dual-In-Line Package
MECHANICAL
• Molded 16 Pin Dip
• Weight: 0.997 grams (approximate)
• Marking: Device number
MAXIMUM RATINGS
• Operating Temperatures: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Forward Surge Current: 2.0 Amps (8.3 mS)
• Continuous forward current IF: 400mA
• Power dissipation (PD): 500mW
• Derating factor: 4.0mW/°C
PACKAGING
• Carrier tube 25 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS @ 25°C Unless otherwise specified
Part
Number
V(BR)
@100µA
V
IR
+25°C
µA
CAP
@0V
pF
trr
(nS)
VF
@IF=
10mA
V
VF
@IF=
100mA
V
ADA1108P
MIN
MAX
@VR
MAX
MAX
MAX
MAX
50
1
40
19
8
1.0
1.2
ADA1108P
CIRCUIT DIAGRAM
(TOP VIEW)


Similar Part No. - ADA1108P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
More results

Similar Description - ADA1108P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F1056 FAIRCHILD-74F1056 Datasheet
35Kb / 4P
8-Bit Schottky Barrier Diode Array
logo
Texas Instruments
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
logo
Mitsubishi Electric Sem...
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
logo
Texas Instruments
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
logo
Diodes Incorporated
D3V3F8U9LP3810 DIODES-D3V3F8U9LP3810 Datasheet
396Kb / 5P
8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D3V3X8U9LP3810 DIODES-D3V3X8U9LP3810 Datasheet
396Kb / 5P
8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
DT1240-08LP3810 DIODES-DT1240-08LP3810 Datasheet
374Kb / 5P
8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
DT1240A-08LP3810 DIODES-DT1240A-08LP3810 Datasheet
326Kb / 5P
8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
logo
TECH PUBLIC Electronics...
TPESD7538P TECHPUBLIC-TPESD7538P Datasheet
964Kb / 4P
8-Line Ultra Low Capacitance TVS Diode Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com