Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2704 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 25Page - Texas Instruments PCM2704 Datasheet HTML 26Page - Texas Instruments PCM2704 Datasheet HTML 27Page - Texas Instruments PCM2704 Datasheet HTML 28Page - Texas Instruments PCM2704 Datasheet HTML 29Page - Texas Instruments PCM2704 Datasheet HTML 30Page - Texas Instruments PCM2704 Datasheet HTML 31Page - Texas Instruments PCM2704 Datasheet HTML 32Page - Texas Instruments PCM2704 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
29
TYPICAL CIRCUIT CONNECTION 3 (EXAMPLE OF DSP SURROUND PROCESSING AMP)
Figure 33 illustrates a typical circuit connection for an I2S- and SPI-enabled self-powered application.
VBUS
D+
GND
USB ’B’
Connector
D–
C7
R1
SUSPEND
R8
R9
Headphone
31
30
29
28
27
32
26
PGND
VCCP
HOST
FUNC3
FUNC0
HID0/MS
HID1/MC
HID2/MD
PCM2707PJT
25
23
22
21
20
19
24
18
17
10
11
12
13
14
915
16
2
3
4
5
6
1
7
8
VBUS
D+
D–
VDD
DGND
FUNC1
FUNC2
DOUT
C5
+
C6
C3
C4
X1
C1
C2
R5
+
C8
+
C9
R10
R11
C10
R6
C11
R7
R3
R4
R12
R2
DOUT
SYSTEM CLOCK
BCK
MD
MC
MS
LRCK
DIN
TAS300X
I2S I/F Audio Device
Power
3.3 V
GND
+
Notes:
X1: 12-MHz crystal resonator
C1, C2: 10-pF to 33-pF (depending on load capacitance of crystal
resonator)
C3, C4: 1-µF ceramic
C5: 0.1-µF ceramic and 10-µF electrolytic
C6, C7: 47-µF electrolytic
C8, C9: 100-µF electrolytic (depending on required frequency
response)
C10, C11: 0.022-µF ceramic
R1, R12: 1 MW
R2, R5: 1.5 kW
R3, R4: 22 W
R6, R7: 16 W
R8, R9, R10, R11: 3.3 kW
SPI host (DSP) must have responsibility to handle D+ pullup if descriptor is programmed by SPI. SPI host must not activate D+ pullup until all internal
registers have been set. D+ pullup must not be activated while detaching from host.
D+must not activate (HIGH: 3.3 V) before programming of the PCM2707 by SPI is completed.
D+must not activate (HIGH: 3.3 V) while the device is detached from the USB.
VBUS of the USB can be used to detect USB bus power status. (Note that VBUS of the USB connector is 5 V.)
Figure 33. Self-Powered Application
Note that the circuit illustrated above is for information only. Whole board design should be considered to meet the
USB specification as a USB-compliant product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com