Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT2155 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # THAT2155
Description  IC Voltage-Controlled Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT2155 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button THAT2155 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 9Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
voltage-control circuitry. The 2150 Series VCAs act like
double-balanced multipliers: when no signal is present
at the signal input, noise at the control input is re-
jected. So, when measuring noise (in the absence of
signal — as most everyone does), even very noisy con-
trol circuitry often goes unnoticed. However, noise at
the control port of these parts will cause noise modula-
tion of the signal. This can become significant if care
is not taken to drive the control ports with quiet sig-
nals.
The 2150 Series VCAs have a small amount of in-
herent noise modulation because of its class AB bias-
ing
scheme,
where
the
shot noise
in
the
core
transistors reaches a minimum with no signal, and in-
creases with the square root of the instantaneous sig-
nal current. However, in an optimum circuit, the noise
floor rises only to -94 dBV with a 50
µA signal at unity
gain — 4 dB of noise modulation. By contrast, if a
unity-gain connected, inverting 5534 opamp is used to
directly drive the control port, the noise floor will rise
to 92 dBV — 6 dB of noise modulation.
To avoid excessive noise, one must take care to use
quiet electronics throughout the control-voltage cir-
cuitry. One useful technique is to process control volt-
ages at a multiple of the eventual control constant
(e.g., 61 mV/dB — ten times higher than the VCA re-
quires), and then attenuate the control signal just be-
fore the final drive amplifier. With careful attention to
impedance levels, relatively noisy op amps may be
used for all but the final stage.
Closing Thoughts
The design and application of Voltage-Controlled
Amplifiers has traditionally been partly black art, in-
volving as much magic as science. We hope that the
foregoing discussion will help to de-mystify the subject.
THAT Corporation welcomes comments, questions
and suggestions regarding these devices, their design
and application. Please feel free to contact us with your
thoughts.
Ec+
Ec+
Ec-
OUT
-IN
V-
GND
V+
-
+
-
+
VCA
Series
2150
1k
1k
Rsym
Ec+
10u
LF351
47p
20k
50k
ADJ
SYM
150k
51
5.1k
20k
+15V
-15V
-15V
+15V
OUTPUT
INPUT
1
5
6
2
4
8
3
7
2150
Series
VCA
240k
300k (2155)
390k (2150A)
470k (2151)
Figure 15. Using Both Control Ports (Differential Drive)
THAT Corporation; 734 Forest Street; Marlborough, Massachusetts 01752; USA
Tel: (508) 229-2500; Fax: (508) 229-2590; Web: http://www.thatcorp.com
Page 10
2150 Series IC VCAs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com