Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL02 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FGL02
Description  2-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 3 Page - Integrated Device Technology

  9FGL02 Datasheet HTML 1Page - Integrated Device Technology 9FGL02 Datasheet HTML 2Page - Integrated Device Technology 9FGL02 Datasheet HTML 3Page - Integrated Device Technology 9FGL02 Datasheet HTML 4Page - Integrated Device Technology 9FGL02 Datasheet HTML 5Page - Integrated Device Technology 9FGL02 Datasheet HTML 6Page - Integrated Device Technology 9FGL02 Datasheet HTML 7Page - Integrated Device Technology 9FGL02 Datasheet HTML 8Page - Integrated Device Technology 9FGL02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OCTOBER 18, 2016
3
2-OUTPUT 3.3V PCIE CLOCK GENERATOR
9FGL02 DATASHEET
Pin Descriptions
Pin#
Pin Name
Type
Pin Description
1
XIN/CLKIN_25
IN
Crystal input or Reference Clock input. Nominally 25MHz.
2
X2
OUT
Crystal output.
3
VDDXTAL3.3
PWR
Power supply for XTAL, nominal 3.3V
4
vSADR/REF3.3
LATCHED
I/O
Latch to select SMBus Address/3.3V LVCMOS copy of X1/REFIN pin
5
GNDREF
GND
Ground pin for the REF outputs.
6
GNDDIG
GND
Ground pin for digital circuitry
7
VDDDIG3.3
PWR
3.3V digital power (dirty power)
8
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
9
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
10
GND
GND
Ground pin.
11
VDD3.3
PWR
Power supply, nominal 3.3V
12
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
13
DIF0
OUT
Differential true clock output
14
DIF0#
OUT
Differential Complementary clock output
15
GNDA
GND
Ground pin for the PLL core.
16
VDDA3.3
PWR
3.3V power for the PLL core.
17
DIF1
OUT
Differential true clock output
18
DIF1#
OUT
Differential Complementary clock output
19
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
20
VDD3.3
PWR
Power supply, nominal 3.3V
21
GND
GND
Ground pin.
22
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion.
Low enters Power Down Mode, subsequent high assertions exit Power Down
Mode. This pin has internal pull-up resistor.
23
vSS_EN_tri
LATCHED IN
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off
24
GNDXTAL
GND
GND for XTAL
25
ePAD
GND
Connect to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com