Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL06 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGL06
Description  6-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL06 Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGL06 Datasheet HTML 1Page - Integrated Device Technology 9FGL06 Datasheet HTML 2Page - Integrated Device Technology 9FGL06 Datasheet HTML 3Page - Integrated Device Technology 9FGL06 Datasheet HTML 4Page - Integrated Device Technology 9FGL06 Datasheet HTML 5Page - Integrated Device Technology 9FGL06 Datasheet HTML 6Page - Integrated Device Technology 9FGL06 Datasheet HTML 7Page - Integrated Device Technology 9FGL06 Datasheet HTML 8Page - Integrated Device Technology 9FGL06 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
9FGL06 OCTOBER 19, 2016
1
©2016 Integrated Device Technology, Inc.
6-output 3.3V PCIe Clock Generator
9FGL06
Description
The 9FGL06 devices are 3.3V members of IDT's 3.3V
Full-Featured PCIe family. The devices have 6 output enables
for clock management and support 2 different spread
spectrum levels in addition to spread off. The 9FGL06
supports PCIe Gen1-4 Common Clocked architectures (CC)
and PCIe Separate Reference no-Spread (SRnS) and
Separate Reference Independent Spread (SRIS) clocking
architectures. The 9FGL06P1 can be programmed with a
user-defined power up default SMBus configuration.
Recommended Application
PCIe Gen1-4 clock generation for Riser Cards, Storage,
Networking, JBOD, Communications, Access Points
Output Features
• 6 – 100 MHz Low-Power HCSL (LP-HCSL) DIF pairs
• 9FGL0641 default ZOUT = 100
• 9FGL0651 default ZOUT = 85
• 9FGL06P1 factory programmable defaults
• 1 - 3.3V LVCMOS REF output w/Wake-On-LAN (WOL)
support
• Easy AC-coupling to other logic families, see IDT
application note AN-891
Key Specifications
• PCIe Gen1-2-3-4 CC-compliant
• PCIe Gen2-3 SRIS-compliant
• DIF cycle-to-cycle jitter <50ps
• DIF output-to-output skew <50ps
• DIF 12k-20M phase jitter is <2ps rms when SSC is off
• REF phase jitter is <300fs rms, SSC off, and <1.5ps rms,
SSC is On
• ±100ppm frequency accuracy on all clocks
Features/Benefits
• Direct connection to 100 (xx41) or 85 (xx51)
transmission lines; saves 24 resistors compared to
standard PCIe devices
• 172mW typical power consumption (@3.3V); eliminates
thermal concerns
• SMBus-selectable features allows optimization to customer
requirements:
• control input polarity
• control input pull up/downs
• slew rate for each output
• differential output amplitude
• 33, 85 or 100Ω output impedance for each output
• spread spectrum amount
• 41 and 51 devices contain default configuration; SMBus
interface not required for device operation
• P1 device allows factory programming of customer-defined
SMBus power up default; allows exact optimization to
customer requirements
• 8MHz - 40MHz input frequency with 9FGL08P1 device
(25MHz default); flexibility
• OE# pins; support DIF power management
• Pin/SMBus selectable 0%, -0.25% or -0.5% spread on DIF
outputs; minimize EMI and phase jitter for each application
• DIF outputs blocked until PLL is locked; clean system
start-up
• Two selectable SMBus addresses; multiple devices can
easily share an SMBus segment
• Space saving 40-pin 5x5mm VFQFPN; minimal board
space
Block Diagram
Note: Resistors default to internal on 41/51 devices. P1 devices have programmable default impedances on an output-by-output basis.
XIN/CLKIN_25
X2
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
REF
vOE(5:0)#
SCLK_3.3
vSADR
6
603-25-150JA4I 25MHz
SSC Capable
PLL
Control
Logic
DIF0
DIF1
DIF2
DIF3
DIF4
DIF5


Similar Part No. - 9FGL06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL06 IDT-9FGL06 Datasheet
325Kb / 19P
control input polarity
logo
Renesas Technology Corp
9FGL0641CKILF RENESAS-9FGL0641CKILF Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0641CKILFT RENESAS-9FGL0641CKILFT Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0641DKILF RENESAS-9FGL0641DKILF Datasheet
1Mb / 37P
3.3V PCIe Gen1-6 Clock Generator Family
Dec 13, 2024
9FGL0641DKILF RENESAS-9FGL0641DKILF Datasheet
1Mb / 38P
9FGL02x1/04x1/06x1/08x1D 3.3V PCIe Gen1–7 Clock Generator Family
Rev.1.08 Jun 5, 2026
More results

Similar Description - 9FGL06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054 Datasheet
165Kb / 15P
LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Micrel Semiconductor
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
Crystal-less??Four Output PCIe Clock Generator
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
Crystal-less??Three Output PCIe Clock Generator
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
4-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com