Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL08 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9FGL08
Description  8-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL08 Datasheet(HTML) 4 Page - Integrated Device Technology

  9FGL08 Datasheet HTML 1Page - Integrated Device Technology 9FGL08 Datasheet HTML 2Page - Integrated Device Technology 9FGL08 Datasheet HTML 3Page - Integrated Device Technology 9FGL08 Datasheet HTML 4Page - Integrated Device Technology 9FGL08 Datasheet HTML 5Page - Integrated Device Technology 9FGL08 Datasheet HTML 6Page - Integrated Device Technology 9FGL08 Datasheet HTML 7Page - Integrated Device Technology 9FGL08 Datasheet HTML 8Page - Integrated Device Technology 9FGL08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
8-OUTPUT 3.3V PCIE CLOCK GENERATOR
4
OCTOBER 19, 2016
9FGL08 DATASHEET
Pin Descriptions, cont.
Test Loads
Alternate Terminations
The 9FGL family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with
IDT's "Universal" Low-Power HCSL Outputs” for details.
PIN #
PIN NAME
TYPE
DESCRIPTION
40
GND
GND
Ground pin.
41
DIF6
OUT
Differential true clock output
42
DIF6#
OUT
Differential Complementary clock output
43
vOE6#
IN
Active low input for enabling DIF pair 6. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
44
DIF7
OUT
Differential true clock output
45
DIF7#
OUT
Differential Complementary clock output
46
vOE7#
IN
Active low input for enabling DIF pair 7. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
47
VDDIO
PWR
Power supply for differential outputs
48
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal pull-up resistor.
49
EPAD
GND
Connect to Ground.
REF Output
33
REF Output Test Load
5pF
Zo = 50 ohms
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohm
Note: The device can drive transmission line lengths greater
than those specified by the PCIe SIG
Terminations
Device
Zo (Ω)Rs (Ω)
9FGL0841
100
None needed
9FGL0851
100
7.5
9FGL08P1
100
Prog.
9FGL0841
85
N/A
9FGL0851
85
None needed
9FGL08P1
85
Prog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com