Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9714 Datasheet(PDF) 2 Page - NEC

Part # PS9714
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9714 Datasheet(HTML) 2 Page - NEC

  PS9714 Datasheet HTML 1Page - NEC PS9714 Datasheet HTML 2Page - NEC PS9714 Datasheet HTML 3Page - NEC PS9714 Datasheet HTML 4Page - NEC PS9714 Datasheet HTML 5Page - NEC PS9714 Datasheet HTML 6Page - NEC PS9714 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TA = 25°C unless otherwise specified)
PS9714
RECOMMENDED
OPERATING CONDITIONS
SYMBOLS
PARAMETERS
UNITS MIN
TYP MAX
VFL
Low Level Input Voltage
V
0
0.8
IFH
High Level Input Current
mA
6.3
12.5
VCC
Supply Voltage
V
4.5
5
5.5
N
TTL (loads) (RL = 1kΩ)5
RL
Pull-up Resistance
Ω
330
4k
PACKAGE OUTLINE (Units in mm)
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
30
VR
Reverse Voltage
V
3
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IO
Output Current
mA
25
PC
Power Dissipation2
mW
40
BV
Isolation Voltage3
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +125
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Applies to output pin VO and power supply pin VCC.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and output.
4.0±0.5
1.27
0.4
+0.10
-0.05
0.25 M
7.0 ± 0.3
0.5 ± 0.3
4.4
1.3
54
3
12
MARKING
9714
N003
Week Assembled
Year Assembled (Last 1 Digit)
Rank Code
0 03
N
Assembly lot
No. 1 Pin Mark
Part Number
Packing Style
Safety
Standards
Approval
PS9714
Magazine Case 100 pcs
UL
PS9714-F3
Embossed Tape 3500 pcs/reel
Approved
PS9714-F4
PS9714-V
Magazine Case 100 pcs
VDE0884
PS9714-V-F3
Embossed Tape 3500 pcs/reel
Approved
PS9714-V-F4
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com