Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  5-Bit Programmable, High Frequency Multi-phase PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2639
5-Bit Programmable, High Frequency Multi-phase PWM
Controller
General Description
The LM2639 provides an attractive solution for power sup-
plies of high power microprocessors (such as Pentium II,
MII,K6-2, K6-3, etc.) exhibiting ultra fast load tran-
sients. Compared to a conventional single-phase supply, an
LM2639 based multi-phase supply distributes the thermal
and electrical loading among components in multiple phases
and greatly reduces the corresponding stress in each com-
ponent. The LM2639 can be programmed to control either a
3-phase converter or a 4-phase converter. Phase shift
among the phases is 120˚ in the case of three phase and 90˚
with four-phase. Because the power channels are out of
phase, there can be significant ripple cancellation for both
the input and output current, resulting in reduced input and
output capacitor size. Due to the nominal operating fre-
quency of 2 MHz per phase, the size of the output inductors
can be greatly reduced which results in a much faster load
transient response and a dramatically shrunk output capaci-
tor bank. Microprocessor power supplies with all surface
mount components can be easily built.
The internal high speed transconductance amplifier guaran-
tees good dynamic performance. The output drive voltages
can be adjusted through a resistor divider to control switch-
ing loss in the external FETs.
The internal master clock frequency of up to 8 MHz is set by
an external reference resistor. An external clock of 10 MHz
can also be used to drive the chip to achieve frequency con-
trol and multi-chip operation.
The LM2639 also provides input under-voltage lock-out with
hysteresis and input over-current protection.
Features
n
Ultra fast load transient response
n
Enables all surface-mount-design
n
Selectable 2, 3, 4 phase operation
n
Clock frequency from 40 kHz to 10 MHz
n
Precision load current sharing
n
5-bit programmable from 3.5V to 1.3V
n
VID code compatible to VRM 8.X specification
n
Output voltage is 2.0V for VID code 11111
n
Selectable internal or external clock
n
Digital 16-step soft start
n
Input under-voltage lock-out, over-current protection
Applications
n
Servers and workstations
n
High current, ultra-fast transient microprocessors
Pin Configuration
MIIis a trademark of Cyrix Corporation a wholly owned subsidiary of National Semiconductor Corporation.
Pentium IIis a trademark of Intel Corporation.
K6is a trademark of Advanced Micro Devices, Inc.
24-Pin Plastic SOIC
DS101143-1
Top View
See NS Package Number M24B
February 2000
© 2000 National Semiconductor Corporation
DS101143
www.national.com


Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
733Kb / 16P
400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6917B STMICROELECTRONICS-L6917B Datasheet
592Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
Sep-2002
logo
Semtech Corporation
SC1144 SEMTECH-SC1144 Datasheet
156Kb / 11P
PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
SC1146 SEMTECH-SC1146 Datasheet
148Kb / 10P
VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
National Semiconductor ...
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com