Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2882 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # US2882
Description  CMOS High Sensitivity Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

US2882 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  US2882 Datasheet HTML 1Page - List of Unclassifed Manufacturers US2882 Datasheet HTML 2Page - List of Unclassifed Manufacturers US2882 Datasheet HTML 3Page - List of Unclassifed Manufacturers US2882 Datasheet HTML 4Page - List of Unclassifed Manufacturers US2882 Datasheet HTML 5Page - List of Unclassifed Manufacturers US2882 Datasheet HTML 6Page - List of Unclassifed Manufacturers US2882 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US2881 CMOS High Sensitivity Latch
3901002881 Rev 5.6
23/July/00
Page 2
US2881/2882
CMOS High Sensitivity Latch
US2881 and US2882 Electrical Specification s
DC operating parameters: TA = 25
oC, VDD = 12VDC (unless otherwise specified).
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
27
V
Supply Current
IDD
B<BOP
1.5
2.0
4.0
mA
Saturation Voltage
VDS(on)
IOUT = 20 mA, B>BOP
0.4
0.5
V
Output Leakage
IOFF
B<BRP, VOUT = 27V
0.01
5.0
ì A
Output Rise Time
tr
VDD = 12V, RL = 1.1KÙ, CL = 20pf
0.04
ì s
Output Fall Time
tf
VDD = 12V, RL = 1.1KÙ, CL = 20pf
0.18
ì s
US2881 Magnetic Specification s
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
0.5
2.0
4.5
mT
Release Point
BRP
-4.5
-2.0
-0.5
mT
Hysteresis
Bhys
3.0
4.0
5.0
mT
US2882 Magnetic Specification s
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
-2.0
2.0
6.0
mT
Release Point
BRP
-6.0
-2.0
2.0
mT
Hysteresis
Bhys
3.0
4.0
5.0
mT
Melexis Inc. reserves the right to make changes without further no-
tice to any products herein to improve reliability, function or design.
Melexis does not assume any liability arising from the use of any
product or application of any product or circuit described herein.
Note: 1 mT = 10 Gauss.
Supply Voltage (Operating), VDD
24V
Supply Current (Fault), IDD
50mA
Output Voltage, VOUT
24V
Output Current (Fault), IOUT
50mA
Power Dissipation, PD
100mW
Operating Temperature Range, TA
-40 to 150°C
Storage Temperature Range, TS
-65 to 150°C
Maximum Junction Temp, TJ
175°C
ESD Sensitivity (All Pins)
+/- 4KV
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com