Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2645 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 10Page - National Semiconductor (TI) LM2645 Datasheet HTML 11Page - National Semiconductor (TI) LM2645 Datasheet HTML 12Page - National Semiconductor (TI) LM2645 Datasheet HTML 13Page - National Semiconductor (TI) LM2645 Datasheet HTML 14Page - National Semiconductor (TI) LM2645 Datasheet HTML 15Page - National Semiconductor (TI) LM2645 Datasheet HTML 16Page - National Semiconductor (TI) LM2645 Datasheet HTML 17Page - National Semiconductor (TI) LM2645 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Typical Performance Characteristics (Continued)
Load Transient Response
(V
IN = 10V, VOUT = 3.3V, L = 6.0 µH, COUT =
180µF/15m
Ω)
Load Transient Response
(V
IN = 10V, VOUT = 1.8V, L = 3.1 µH, COUT =
270µF/15m
Ω)
20015918
20015919
Overcurrent and Undervoltage Protection
(V
OUT1 = 5V, VOUT2 = 3.3V)
Pulse-Skipping Operation
(V
IN = 15V, VOUT = 5V, IOUT = 35mA)
20015920
20015921
Soft Start
(V
IN = 10V to 28V, VOUT = 5V, IOUT = 0Ato3A)
Start Up at Sleep Mode
(V
IN = 15V, ON1 = ON2 = Off)
20015922
20015923
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com