Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK105BJ104KE-R Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK105BJ104KE-R
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK105BJ104KE-R Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LMK105BJ104KE-R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LMK105BJ104KE-R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK105BJ104KE-R
Features
Item Summary
0.1uF±10%, 10V,
X5R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 15000pcs
Products characteristics table
Capacitance
0.1 uF ± 10 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
10 V
tanδ (max)
10 %
Temperature Characteristic (EIA)
X5R
Operating Temp. Range (EIA)
-55 to +85 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.18 ±0.02 mm
Dimension e
0.25 ±0.10 mm
2016.11.29
1 / 1


Similar Part No. - LMK105BJ104KE-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK105BJ104KE-R TAIYO-YUDEN-LMK105BJ104KE-R Datasheet
368Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Purpose
More results

Similar Description - LMK105BJ104KE-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063B7471KP-F TAIYO-YUDEN-TMK063B7471KP-F Datasheet
264Kb / 2P
High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK042BJ102KC-W TAIYO-YUDEN-EMK042BJ102KC-W Datasheet
289Kb / 2P
High Value Multilayer Ceramic Capacitors (High dielectric type)
UMK325B7335MM-P TAIYO-YUDEN-UMK325B7335MM-P Datasheet
283Kb / 2P
High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK063BBJ474MPLF TAIYO-YUDEN-EMK063BBJ474MPLF Datasheet
277Kb / 2P
High Value Multilayer Ceramic Capacitors (High dielectric type)
JMK325AC6227MM-PE TAIYO-YUDEN-JMK325AC6227MM-PE Datasheet
278Kb / 2P
High Value Multilayer Ceramic Capacitors (High dielectric type)
AMK107BBJ476MA-RE TAIYO-YUDEN-AMK107BBJ476MA-RE Datasheet
391Kb / 3P
High Value Multilayer Ceramic Capacitors (High dielectric type)
AMK105EBJ226MV-F TAIYO-YUDEN-AMK105EBJ226MV-F Datasheet
406Kb / 3P
High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316BC6476ML-T TAIYO-YUDEN-LMK316BC6476ML-T Datasheet
408Kb / 3P
High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com