Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6ED003L02-F2 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 6ED003L02-F2
Description  High voltage gate driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6ED003L02-F2 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 6ED003L02-F2 Datasheet HTML 10Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 11Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 12Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 13Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 14Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 15Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 16Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 17Page - Infineon Technologies AG 6ED003L02-F2 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
EiceDRIVER™
6ED003L06-F2, 6ED003L02-F2
datasheet
14
<Revision 2.8>, 05.08.2016
4.6
Dynamic parameters
VCC = VBS = 15 V, VS = VSS = VCOM unless otherwise specified. All parameters are valid for Ta=25 °C.
Table 7
Dynamic parameters
Parameter
Symbol
Values
Unit
Test condition
Min.
Typ.
Max.
Turn-on propagation delay
ton
400
530
800
ns
VLIN/HIN = 0 or 3.3 V
Turn-off propagation delay
toff
360
490
760
Turn-on rise time
tr
-
60
100
VLIN/HIN = 0 or 3.3 V
CL = 1 nF
Turn-off fall time
tf
-
26
45
Shutdown propagation delay ENABLE
tEN
-
780
1100
VEN=0
Shutdown propagation delay ITRIP
tITRIP
400
670
1000
VITRIP=1 V
Input filter time ITRIP
tITRIPMIN
155
230
380
Propagation delay ITRIP to FAULT
tFLT
-
420
700
Input filter time at LIN/HIN for turn on and off tFILIN
120
300
-
VLIN/HIN = 0 & 3.3 V
Input filter time EN
tFILEN
300
600
-
Fault clear time at RCIN after ITRIP-fault,
(CRCin=1nF)
tFLTCLR
1.0
1.9
3.0
ms
VLIN/HIN = 0 & 3.3 V
VITRIP = 0
Dead time
DT
150
310
-
ns
VLIN/HIN = 0 & 3.3 V
Matching delay ON, max(ton)-min(ton), ton
are applicable to all 6 driver outputs
MTON
-
20
100
external dead time
> 500 ns
Matching delay OFF, max(toff)-min(toff), toff
are applicable to all 6 driver outputs
MTOFF
-
40
100
external dead time
>500 ns
Output pulse width matching. Pwin-PWout
PM
40
100
PWin > 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com